Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 643 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 643 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 639Page - Renesas Technology Corp SH7721 Datasheet HTML 640Page - Renesas Technology Corp SH7721 Datasheet HTML 641Page - Renesas Technology Corp SH7721 Datasheet HTML 642Page - Renesas Technology Corp SH7721 Datasheet HTML 643Page - Renesas Technology Corp SH7721 Datasheet HTML 644Page - Renesas Technology Corp SH7721 Datasheet HTML 645Page - Renesas Technology Corp SH7721 Datasheet HTML 646Page - Renesas Technology Corp SH7721 Datasheet HTML 647Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 643 / 1524 page
background image
Section 17 Realtime Clock (RTC)
Rev. 3.00 Jan. 18, 2008 Page 581 of 1458
REJ09B0033-0300
17.4.3
Reading Time
Figure 17.3 shows how to read the time.
Disable the carry interrupt
Clear the carry flag
Read counter register
Carry flag = 1?
Yes
No
Yes
No
Read counter register
interrupt
Disable the carry interrupt
Write 0 to CF in RCR1
(Set AF in RCR1 to 1 so that alarm
flag is not cleared.)
Read RCR1 and check CF bit
Write 1 to CIE in RCR1
Write 0 to CIE in RCR1
Clear the carry flag
Enable the carry interrupt
Clear the carry flag
Write 0 to CF in RCR1
(Set AF in RCR1 to 1 so that alarm
flag is not cleared.)
Read RCR1 and check CF bit
Write 0 to CIE in RCR1
To read the time
without using interrupts
(b) To use interrupts
(a)
Figure 17.3 Reading Time
If a carry occurs while reading the time, the correct time will not be obtained, so it must be read
again. Part (a) in figure 17.3 shows the method of reading the time without using interrupts; part
(b) in figure 17.3 shows the method using carry interrupts. To keep programming simple, method
(a) should normally be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com