Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 647 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 647 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 643Page - Renesas Technology Corp SH7721 Datasheet HTML 644Page - Renesas Technology Corp SH7721 Datasheet HTML 645Page - Renesas Technology Corp SH7721 Datasheet HTML 646Page - Renesas Technology Corp SH7721 Datasheet HTML 647Page - Renesas Technology Corp SH7721 Datasheet HTML 648Page - Renesas Technology Corp SH7721 Datasheet HTML 649Page - Renesas Technology Corp SH7721 Datasheet HTML 650Page - Renesas Technology Corp SH7721 Datasheet HTML 651Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 647 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
SCIS3C0C_000020030200
Rev. 3.00 Jan. 18, 2008 Page 585 of 1458
REJ09B0033-0300
Section 18
Serial Communication Interface with FIFO
(SCIF)
This LSI has single-channel serial communication interface with FIFO (SCIF) that supports
asynchronous serial communication. The SCIF can perform asynchronous and synchronous serial
communication. It also has 64-stage FIFO registers for both transmission and reception that enable
this LSI efficient high-speed continuous communication. Channel 0 operates as an IrDA interface
while optional module IrDA is used.
18.1
Features
• Asynchronous or synchronous mode can be selected for serial communication mode.
• On-chip baud rate generator with selectable bit rates
• Internal or external transmit/receive clock source: From either baud rate generator (internal) or
SCK pin (external)
• Six types of interrupts (asynchronous mode):
Transmit-data-stop, transmit-FIFO-data-empty, receive-FIFO-data-full, receive-error (framing
error/parity error), break-receive, and receive-data-ready interrupts. A common interrupt vector
is assigned to each interrupt source.
• Two types of interrupts (synchronous mode)
• The direct memory access controller (DMAC) can be activated to execute a data transfer by a
transmit-FIFO-data-empty or receive-FIFO-data-full interrupt.
• On-chip modem control functions (CTS and RTS)
• Transmit data stop function is available
• While the SCIF is not used, it can be stopped by stopping the clock for it to reduce power
consumption.
• The number of data in the transmit and receive FIFO registers and the number of receive errors
of the receive data in the receive FIFO register can be known.
• Channel 0 operates as an IrDA interface.
• Full-duplex communication capability
The transmitter and receiver are independent units, enabling transmission and reception to be
performed simultaneously.
The transmitter and receiver both have a 64-stage FIFO buffer structure, enabling fast and
continuous serial data transmission and reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com