Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 645 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 645 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 641Page - Renesas Technology Corp SH7721 Datasheet HTML 642Page - Renesas Technology Corp SH7721 Datasheet HTML 643Page - Renesas Technology Corp SH7721 Datasheet HTML 644Page - Renesas Technology Corp SH7721 Datasheet HTML 645Page - Renesas Technology Corp SH7721 Datasheet HTML 646Page - Renesas Technology Corp SH7721 Datasheet HTML 647Page - Renesas Technology Corp SH7721 Datasheet HTML 648Page - Renesas Technology Corp SH7721 Datasheet HTML 649Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 645 / 1524 page
background image
Section 17 Realtime Clock (RTC)
Rev. 3.00 Jan. 18, 2008 Page 583 of 1458
REJ09B0033-0300
17.5
Usage Notes
17.5.1
Register Writing during RTC Count
The following RTC registers cannot be written to during an RTC count (while bit 0 = 1 in RCR2).
RSECCNT, RMINCNT, RHRCNT, RDAYCNT, RWKCNT, RMONCNT, RYRCNT
The RTC count must be stopped before writing to any of the above registers.
17.5.2
Use of Realtime Clock (RTC) Periodic Interrupts
The method of using the periodic interrupt function is shown in figure 17.5.
A periodic interrupt can be generated periodically at the interval set by the flags PES0 to PES2 in
RCR2. When the time set by the PES0 to PES2 has elapsed, the PEF is set to 1.
The PEF is cleared to 0 upon periodic interrupt generation or when the flags PES0 to PES2 are set.
Periodic interrupt generation can be confirmed by reading this bit, but normally the interrupt
function is used.
Set PES0 to PES2,
and clear PEF to 0,
in RCR2
Clear PEF to 0
Set PES, clear PEF
Elapse of time set by PES
Clear PEF
Figure 17.5 Using Periodic Interrupt Function
17.5.3
Transition to Standby Mode after Setting Register
When a transition to standby mode is made after registers in the RTC are set, sometimes counting
is not performed correctly. In case the registers are set, be sure to make a transition to standby
mode after waiting for two RTC clocks or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com