Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 644 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 644 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 640Page - Renesas Technology Corp SH7721 Datasheet HTML 641Page - Renesas Technology Corp SH7721 Datasheet HTML 642Page - Renesas Technology Corp SH7721 Datasheet HTML 643Page - Renesas Technology Corp SH7721 Datasheet HTML 644Page - Renesas Technology Corp SH7721 Datasheet HTML 645Page - Renesas Technology Corp SH7721 Datasheet HTML 646Page - Renesas Technology Corp SH7721 Datasheet HTML 647Page - Renesas Technology Corp SH7721 Datasheet HTML 648Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 644 / 1524 page
background image
Section 17 Realtime Clock (RTC)
Rev. 3.00 Jan. 18, 2008 Page 582 of 1458
REJ09B0033-0300
17.4.4
Alarm Function
Figure 17.4 shows how to use the alarm function.
Write 0 to AIE in RCR1
to prevent errorneous interrupt
Clock running
Set alarm time
Disable alarm
interrupt
Always clear, since the flag may have been
set while the alarm time was being set.
Write 1 to AIE in RCR1
Clear alarm flag
Enable alarm
interrupt
Monitor alarm time
(wait for interrupt or
check alarm flag)
Figure 17.4 Using Alarm Function
Alarms can be generated using seconds, minutes, hours, day of the week, date, month, year, or any
combination of these. Set the ENB bit in the register on which the alarm is placed to 1, and then
set the alarm time in the lower bits. Clear the ENB bit in the register on which the alarm is not
placed to 0.
When the clock and alarm times match, 1 is set in the AF bit in RCR1. Alarm detection can be
checked by reading this bit, but normally it is done by interrupt. If 1 is set in the AIE bit in RCR1,
an interrupt is generated when an alarm occurs.
The alarm flag is set when the clock and alarm times match. However, the alarm flag can be
cleared by writing 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com