Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 646 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 646 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 642Page - Renesas Technology Corp SH7721 Datasheet HTML 643Page - Renesas Technology Corp SH7721 Datasheet HTML 644Page - Renesas Technology Corp SH7721 Datasheet HTML 645Page - Renesas Technology Corp SH7721 Datasheet HTML 646Page - Renesas Technology Corp SH7721 Datasheet HTML 647Page - Renesas Technology Corp SH7721 Datasheet HTML 648Page - Renesas Technology Corp SH7721 Datasheet HTML 649Page - Renesas Technology Corp SH7721 Datasheet HTML 650Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 646 / 1524 page
background image
Section 17 Realtime Clock (RTC)
Rev. 3.00 Jan. 18, 2008 Page 584 of 1458
REJ09B0033-0300
17.5.4
Crystal Oscillator Circuit
Crystal oscillator circuit constants (recommended values) are shown in table 17.2, and the RTC
crystal oscillator circuit in figure 17.5.
Table 17.2
Recommended Oscillator Circuit Constants (Recommended Values)
f
osc
C
in
C
out
32.768 kHz
10 to 22 pF
10 to 22 pF
This LSI
EXTAL_RTC
XTAL_RTC
XTAL
Cin
Cout
Rf
RD
Notes: 1. Select either the Cin or Cout side for frequency adjustment variable capacitor
according to requirements such as frequency range, degree of stability, etc.
2. Built-in resistance value Rf (Typ value) = 10 MΩ, RD (Typ value) = 400 kΩ
3. Cin and Cout values include floating capacitance due to the wiring. Take care
when using a ground plane.
4. The crystal oscillation settling time depends on the mounted circuit constants,
stray capacitance, etc., and should be decided after consultation with the crystal
resonator manufacturer.
5. Place the crystal resonator and load capacitors Cin and Cout as close as possible
to the chip.
(Correct oscillation may not be possible if there is externally induced noise in the
EXTAL_RTC and XTAL_RTC pins.)
6. Ensure that the crystal resonator connection pin (EXTAL_RTC, XTAL_RTC)
wiring is routed as far away as possible from other power lines (except GND) and
signal lines.
Figure 17.6 Example of Crystal Oscillator Circuit Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com