Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 650 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 650 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 646Page - Renesas Technology Corp SH7721 Datasheet HTML 647Page - Renesas Technology Corp SH7721 Datasheet HTML 648Page - Renesas Technology Corp SH7721 Datasheet HTML 649Page - Renesas Technology Corp SH7721 Datasheet HTML 650Page - Renesas Technology Corp SH7721 Datasheet HTML 651Page - Renesas Technology Corp SH7721 Datasheet HTML 652Page - Renesas Technology Corp SH7721 Datasheet HTML 653Page - Renesas Technology Corp SH7721 Datasheet HTML 654Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 650 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 588 of 1458
REJ09B0033-0300
18.2
Input/Output Pins
Table 18.1 shows the pin configuration of SCIF.
Table 18.1
Pin configuration
Channel
Pin Name
Abbreviation*
1
I/O
Function
SCIF0_SCK
SCK
Input*
3
Clock input/output
SCIF0_RxD
RxD
Input
Receive data input
SCIF0_TxD
TxD
Output
Transmit data output
SCIF0_CTS
CTS*2
Input
Clear to send
0
SCIF0_RTS
RTS*2
Output
Request to send
SCIF1_SCK
SCK
Input*
3
Clock input/output
SCIF1_RXD
RxD
Input
Receive data input
SCIF1_TXD
TxD
Output
Transmit data output
SCIF1_CTS
CTS*2
Input
Clear to send
1
SCIF1_RTS
RTS*2
Output
Request to send
Notes: 1. Pin names SCK, RxD, TxD,
CTS, and RTS are used in this manual for all channels,
omitting the channel designation.
2. These pins are used as serial pins by setting the SCIF with the TE and RE bits in SCIF
and the MCE bit in SCFCR.
3. The SCK pin can be set as input (input enabled or disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com