Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 654 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 654 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 650Page - Renesas Technology Corp SH7721 Datasheet HTML 651Page - Renesas Technology Corp SH7721 Datasheet HTML 652Page - Renesas Technology Corp SH7721 Datasheet HTML 653Page - Renesas Technology Corp SH7721 Datasheet HTML 654Page - Renesas Technology Corp SH7721 Datasheet HTML 655Page - Renesas Technology Corp SH7721 Datasheet HTML 656Page - Renesas Technology Corp SH7721 Datasheet HTML 657Page - Renesas Technology Corp SH7721 Datasheet HTML 658Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 654 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 592 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W
Description
6
CHR
0
R/W
Character Length
Selects seven-bit or eight-bit data.
This bit is only valid in asynchronous mode. In
synchronous mode, the data length is always eight
bits, regardless of the CHR setting.
0: Eight-bit data
1: Seven-bit data*
Note:
*
When seven-bit data is selected, the MSB
(bit 7) in SCFTDR is not transmitted.
5
PE
0
R/W
Parity Enable
Selects whether to add a parity bit to transmit data
and to check the parity of receive data. This setting is
only valid in asynchronous mode. In synchronous
mode, parity bit addition and checking is not
performed, regardless of the PE setting.
0: Parity bit not added or checked
1: Parity bit added and checked
Note:
*
When PE is set to 1, an even or odd parity
bit is added to transmit data, depending on
the parity mode (O/E) setting. Receive
data parity is checked according to the
even/odd (O/E) mode setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com