Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 655 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 655 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 651Page - Renesas Technology Corp SH7721 Datasheet HTML 652Page - Renesas Technology Corp SH7721 Datasheet HTML 653Page - Renesas Technology Corp SH7721 Datasheet HTML 654Page - Renesas Technology Corp SH7721 Datasheet HTML 655Page - Renesas Technology Corp SH7721 Datasheet HTML 656Page - Renesas Technology Corp SH7721 Datasheet HTML 657Page - Renesas Technology Corp SH7721 Datasheet HTML 658Page - Renesas Technology Corp SH7721 Datasheet HTML 659Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 655 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 593 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W
Description
4
O/E
0
R/W
Parity Mode
Selects even or odd parity when parity bits are added
and checked. The O/E setting is used only when the
PE is set to 1 to enable parity addition and check. The
O/E setting is ignored when parity addition and check
is disabled.
0: Even parity*
1
1: Odd parity*
2
Notes: 1. If even parity is selected, the parity bit is
added to transmit data to make an even
number of 1s in the transmitted character
and parity bit combined. Receive data is
checked to see if it has an even number of
1s in the received character and parity bit
combined.
2. If odd parity is selected, the parity bit is
added to transmit data to make an odd
number of 1s in the transmitted character
and parity bit combined. Receive data is
checked to see if it has an odd number of
1s in the received character and parity bit
combined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com