Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 652 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 652 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 648Page - Renesas Technology Corp SH7721 Datasheet HTML 649Page - Renesas Technology Corp SH7721 Datasheet HTML 650Page - Renesas Technology Corp SH7721 Datasheet HTML 651Page - Renesas Technology Corp SH7721 Datasheet HTML 652Page - Renesas Technology Corp SH7721 Datasheet HTML 653Page - Renesas Technology Corp SH7721 Datasheet HTML 654Page - Renesas Technology Corp SH7721 Datasheet HTML 655Page - Renesas Technology Corp SH7721 Datasheet HTML 656Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 652 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 590 of 1458
REJ09B0033-0300
18.3.1
Receive Shift Register (SCRSR)
SCRSR receives serial data. Data input at the RxD pin is loaded into the SCRSR in the order
received, LSB (bit 0) first, converting the data to parallel form. When one byte has been received,
it is automatically transferred to the SCFRDR, which is a receive FIFO data register. The CPU
cannot read from or write to the SCRSR directly.
18.3.2
Receive FIFO Data Register (SCFRDR)
The 64-byte receive FIFO data register (SCFRDR) stores serial receive data. The SCIF completes
the reception of one byte of serial data by moving the received data from the receive shift register
(SCRSR) into the SCFRDR for storage. Continuous receive is enabled until 64 bytes are stored.
The CPU can read but not write the SCFRDR. When data is read without received data in the
SCFRDR, the value is undefined. When the received data in this register becomes full, the
subsequent serial data is lost.
Bit
Bit Name
Initial value
R/W
Description
7 to 0
SCFRD7 to SCFRD0
Undefined
R
FIFO Data Registers for Serial Receive
Data
18.3.3
Transmit Shift Register (SCTSR)
SCTSR transmits serial data. The SCIF loads transmit data from the transmit FIFO data register
(SCFTDR) into the SCTSR, then transmits the data serially from the TxD pin, LSB (bit 0) first.
After transmitting one data byte, the SCI automatically loads the next transmit data from the
SCFTDR into the SCTSR and starts transmitting again. The CPU cannot read or write the SCTSR
directly.
18.3.4
Transmit FIFO Data Register (SCFTDR)
SCFTDR is a 64-byte 8-bit-length FIFO register that stores data for serial transmission. When the
SCIF detects that the transmit shift register (SCTSR) is empty, it moves transmit data written in
the SCFTDR into the SCTSR and starts serial transmission. Continuous serial transmission is
performed until the transmit data in the SCFTDR becomes empty. The CPU can always write to
the SCFTDR.
When the transmit data in the SCFTDR is full (64 bytes), next data cannot be written. If attempted
to write, the data is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com