Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 651 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 651 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 647Page - Renesas Technology Corp SH7721 Datasheet HTML 648Page - Renesas Technology Corp SH7721 Datasheet HTML 649Page - Renesas Technology Corp SH7721 Datasheet HTML 650Page - Renesas Technology Corp SH7721 Datasheet HTML 651Page - Renesas Technology Corp SH7721 Datasheet HTML 652Page - Renesas Technology Corp SH7721 Datasheet HTML 653Page - Renesas Technology Corp SH7721 Datasheet HTML 654Page - Renesas Technology Corp SH7721 Datasheet HTML 655Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 651 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 589 of 1458
REJ09B0033-0300
18.3
Register Descriptions
SCIF has the following registers. Refer to section 37, List of Registers, for more details on the
addresses and states of these registers in each operating mode. Note that the channel number of
each register is omitted.
(1) Channel 0
• Receive shift register_0 (SCRSR_0)
• Receive FIFO data register_0 (SCFRDR_0)
• Transmit shift register_0 (SCTSR_0)
• Transmit FIFO data register_0 (SCFTDR_0)
• Serial mode register_0 (SCSMR_0)
• Serial control register_0 (SCSCR_0)
• FIFO error count register_0 (SCFER_0)
• Serial status register_0 (SCSSR_0)
• Bit rate register_0 (SCBRR_0)
• FIFO control register_0 (SCFCR_0)
• FIFO data count register_0 (SCFDR_0)
• Transmit data stop register_0 (SCTDSR_0)
(2) Channel 1
• Receive shift register_1 (SCRSR_1)
• Receive FIFO data register_1 (SCFRDR_1)
• Transmit shift register_1 (SCTSR_1)
• Transmit FIFO data register_1 (SCFTDR_1)
• Serial mode register_1 (SCSMR_1)
• Serial control register_1 (SCSCR_1)
• FIFO error count register_1 (SCFER_1)
• Serial status register_1 (SCSSR_1)
• Bit rate register_1 (SCBRR_1)
• FIFO control register_1 (SCFCR_1)
• FIFO data count register_1 (SCFDR_1)
• Transmit data stop register_1 (SCTDSR_1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com