Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 656 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 656 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 652Page - Renesas Technology Corp SH7721 Datasheet HTML 653Page - Renesas Technology Corp SH7721 Datasheet HTML 654Page - Renesas Technology Corp SH7721 Datasheet HTML 655Page - Renesas Technology Corp SH7721 Datasheet HTML 656Page - Renesas Technology Corp SH7721 Datasheet HTML 657Page - Renesas Technology Corp SH7721 Datasheet HTML 658Page - Renesas Technology Corp SH7721 Datasheet HTML 659Page - Renesas Technology Corp SH7721 Datasheet HTML 660Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 656 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 594 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value R/W
Description
3
STOP
0
R/W
Stop Bit Length
Selects one or two bits as the stop bit length.
In receiving, only the first stop bit is checked,
regardless of the STOP bit setting. If the second stop
bit is 1, it is treated as a stop bit, but if the second stop
bit is 0, it is treated as the start bit of the next incoming
character.
This setting is only valid in asynchronous mode. In
synchronous mode, this setting is invalid since stop
bits are not added.
0: One stop bit*
1
1: Two stop bits*
2
Notes: 1. In transmitting, a single bit of 1 is added at
the end of each transmitted character.
2. In transmitting, two bits of 1 are added at
the end of each transmitted character.
2
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0
These bits select the internal clock source of the on-
chip baud rate generator.
00: P
φ
01: P
φ/4
10: P
φ/16
11: P
φ/64
Note:
In synchronous mode, bits other than CKS1 and CKS0 are fixed 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com