Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 694 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 694 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 690Page - Renesas Technology Corp SH7721 Datasheet HTML 691Page - Renesas Technology Corp SH7721 Datasheet HTML 692Page - Renesas Technology Corp SH7721 Datasheet HTML 693Page - Renesas Technology Corp SH7721 Datasheet HTML 694Page - Renesas Technology Corp SH7721 Datasheet HTML 695Page - Renesas Technology Corp SH7721 Datasheet HTML 696Page - Renesas Technology Corp SH7721 Datasheet HTML 697Page - Renesas Technology Corp SH7721 Datasheet HTML 698Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 694 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 632 of 1458
REJ09B0033-0300
No
Yes
No
Wait
Yes
1. Set the receive trigger number
in SCFCR.
2. Reset the receive FIFO.
3. Wait for one bit interval.
4. Reception is started when the RE
bit in SCSCR is set to 1.
5. Read receive data while the RDF
bit is 1.
6. After the end of reception, clear the
RE bit to 0.
Start of reception
Set receive trigger number in RTRG1
and RTRG0 in SCFCR
Set RFRST bit in SCFCR to 1
Clear RFRST bit in SCFCR to 0
1-bit interval elapsed?
Set RE bit in SCSCR
When using receive FIFO data interrupt,
set RIE bit to 1
RDF =1?
Read receive trigger number of receive
data bytes from SCFRDR
Clear RE bit in SCSCR to 0
End of reception
1
2
3
4
5
6
Figure 18.15
Sample Serial Reception Flowchart (2)
(Second and Subsequent Reception)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com