Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 692 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 692 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 688Page - Renesas Technology Corp SH7721 Datasheet HTML 689Page - Renesas Technology Corp SH7721 Datasheet HTML 690Page - Renesas Technology Corp SH7721 Datasheet HTML 691Page - Renesas Technology Corp SH7721 Datasheet HTML 692Page - Renesas Technology Corp SH7721 Datasheet HTML 693Page - Renesas Technology Corp SH7721 Datasheet HTML 694Page - Renesas Technology Corp SH7721 Datasheet HTML 695Page - Renesas Technology Corp SH7721 Datasheet HTML 696Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 692 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 630 of 1458
REJ09B0033-0300
No
Yes
No
Wait
Yes
1. Set the transmit trigger number
in SCFCR.
2. Write transmit data to SCFTDR,
and clear the TDFE flag to 0 after
reading 1 from it.
3. Wait for one bit interval.
4. Transmission is started when the
TE bit in SCSCR is set to 1.
5. After the end of transmission, clear
the TE bit to 0.
Start of transmission
Set transmit trigger number in TTRG1
and TTRG0 in SCFCR
Write transmit data exceeding transmit
trigger setting number, and clear
TDFE flag to 0 after reading 1 from it
1-bit interval elapsed?
Set TE bit in SCSCR
When using transmit FIFO data
interrupt, set TIE bit to 1
TEND =1?
Clear TE bit in SCSCR to 0
End of transmission
1
2
3
4
5
Figure 18.14
Sample Serial Transmission Flowchart (2)
(Second and Subsequent Transmission)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com