Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 689 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 689 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 685Page - Renesas Technology Corp SH7721 Datasheet HTML 686Page - Renesas Technology Corp SH7721 Datasheet HTML 687Page - Renesas Technology Corp SH7721 Datasheet HTML 688Page - Renesas Technology Corp SH7721 Datasheet HTML 689Page - Renesas Technology Corp SH7721 Datasheet HTML 690Page - Renesas Technology Corp SH7721 Datasheet HTML 691Page - Renesas Technology Corp SH7721 Datasheet HTML 692Page - Renesas Technology Corp SH7721 Datasheet HTML 693Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 689 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 627 of 1458
REJ09B0033-0300
No
Yes
Wait
1. Be sure to set the RFRST bit in
SCFCR to 1, to reset the FIFOs.
2. Set the clock selection in SCSCR.
Be sure to clear bits RIE, TIE, TE,
and RE to 0.
3. Set the clock source selection in
SCSMR.
4. Write a value corresponding to the
bit rate into SCBRR.
5. Clear the RFRST bit in SCFCR to 0.
6. Wait one bit interval.
Initialization
Clear TE and RE bits in SCSCR to 0
Set RFRST bit in SCFCR to 1
Set CKE1 and CKE0 bits in SCSCR
(leaving TE and RE bits cleared to 0)
Set C/A bit in SCSMR to 1
Set CKS1 and CKS0 bits
Set value in SCBRR
Clear RFRST bit to 0
1-bit interval elapsed?
End
1
2
3
4
5
6
Figure 18.13
Sample SCIF Initialization Flowchart (2) (Reception)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com