Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 687 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 687 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 683Page - Renesas Technology Corp SH7721 Datasheet HTML 684Page - Renesas Technology Corp SH7721 Datasheet HTML 685Page - Renesas Technology Corp SH7721 Datasheet HTML 686Page - Renesas Technology Corp SH7721 Datasheet HTML 687Page - Renesas Technology Corp SH7721 Datasheet HTML 688Page - Renesas Technology Corp SH7721 Datasheet HTML 689Page - Renesas Technology Corp SH7721 Datasheet HTML 690Page - Renesas Technology Corp SH7721 Datasheet HTML 691Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 687 / 1524 page
background image
Section 18
Serial Communication Interface with FIFO (SCIF)
Rev. 3.00 Jan. 18, 2008 Page 625 of 1458
REJ09B0033-0300
When the external clock is selected:
The SCIF operates on the external clock input through the SCK pin.
18.4.4
Serial Operation in Synchronous Mode
don't care
don't care
*
*
LSB
MSB
Note: * High in continuous transmission/reception
Serial data
Serial clock
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
One unit of transfer data (character or frame)
Figure 18.12
Data Format in Synchronous Communication
In synchronous serial communication, data on the communication line is output from a falling
edge of the serial clock to the next falling edge. Data is guaranteed valid at the rising edge of the
serial clock.
In serial communication, each character is output starting with the LSB and ending with the MSB.
After the MSB is output, the communication line remains in the state of the MSB.
In synchronous mode, the SCIF receives data in synchronization with the rising edge of the serial
clock.
(1)
Data Transfer Format
A fixed 8-bit data format is used. No parity or multiprocessor bits are added.
(2)
Clock
An internal clock generated by the on-chip baud rate generator or an external clock input through
the SCK pin can be selected as the serial clock for the SCIF, according to the setting of the CKE1
and CKE0 bits in SCSCR.
Eight serial clock pulses are output in the transfer of one character, and when no
transmission/reception is performed, the clock is fixed high. However, when the operation mode is
reception only, the synchronous clock output continues while the RE bit is set to 1. To fix the
clock high every time one character is transferred, write to the transmit FIFO data register
(SCFTDR) the same number of dummy data bytes as the data bytes to be received and set the TE
and RE bits to 1 at the same time to transmit the dummy data. When the specified number of data
bytes are transmitted, the clock is fixed high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com