Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 739 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 739 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 735Page - Renesas Technology Corp SH7721 Datasheet HTML 736Page - Renesas Technology Corp SH7721 Datasheet HTML 737Page - Renesas Technology Corp SH7721 Datasheet HTML 738Page - Renesas Technology Corp SH7721 Datasheet HTML 739Page - Renesas Technology Corp SH7721 Datasheet HTML 740Page - Renesas Technology Corp SH7721 Datasheet HTML 741Page - Renesas Technology Corp SH7721 Datasheet HTML 742Page - Renesas Technology Corp SH7721 Datasheet HTML 743Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 739 / 1524 page
background image
Section 20
I
2C Bus Interface (IIC)
Rev. 3.00 Jan. 18, 2008 Page 677 of 1458
REJ09B0033-0300
20.7
Usage Notes
A stop condition or retransmit start condition should be issued after the falling edge of the ninth
clock is recognized. The falling edge of the ninth clock is recognized by checking the SCLO bit in
the I
2C bus control register 2 (ICCR2).
A stop condition or retransmit start condition may not be output normally if issuance of a stop or
retransmit start condition is attempted with a certain timing under either of the following cases.
There is no problem in uses under conditions other than the blow.
1. When the rising speed of SCL is lowered due to the load of the SCL line (load capacitance or
pull-up resistance) exceeding the time defined in section 20.6, Bit Synchronous Circuit.
2. When the bit synchronous circuit works because the low-level period between the eighth and
ninth clock pulses is extended by the slave device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com