Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 741 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 741 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 737Page - Renesas Technology Corp SH7721 Datasheet HTML 738Page - Renesas Technology Corp SH7721 Datasheet HTML 739Page - Renesas Technology Corp SH7721 Datasheet HTML 740Page - Renesas Technology Corp SH7721 Datasheet HTML 741Page - Renesas Technology Corp SH7721 Datasheet HTML 742Page - Renesas Technology Corp SH7721 Datasheet HTML 743Page - Renesas Technology Corp SH7721 Datasheet HTML 744Page - Renesas Technology Corp SH7721 Datasheet HTML 745Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 741 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
SCIS3F2C_000020030200
Rev. 3.00 Jan. 18, 2008 Page 679 of 1458
REJ09B0033-0300
Section 21
Serial I/O with FIFO (SIOF)
This LSI includes a clock-synchronized serial I/O module with FIFO (SIOF) that comprises two
channels. The functions of SIOF_0 and SIOF_1 are the same.
21.1
Features
• Serial transfer
 16-stage 32-bit FIFOs (independent transmission and reception)
 Supports 8-bit data/16-bit data/16-bit stereo audio input and output
 MSB first for data transmission
 Supports a maximum of 48-kHz sampling rate
 Synchronization by either frame synchronization pulse or left/right channel switch
 Supports CODEC control data interface
 Connectable to linear, audio, or A-Law or µ-Law CODEC chip
 Supports both master and slave modes
• Serial clock
 An external pin input or internal clock (Pφ) can be selected as the clock source.
• Interrupts: One type
• DMA transfer
 Supports DMA transmission and reception by a transfer request for transmission and
reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com