Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 159Page - Renesas Technology Corp SH7721 Datasheet HTML 160Page - Renesas Technology Corp SH7721 Datasheet HTML 161Page - Renesas Technology Corp SH7721 Datasheet HTML 162Page - Renesas Technology Corp SH7721 Datasheet HTML 163Page - Renesas Technology Corp SH7721 Datasheet HTML 164Page - Renesas Technology Corp SH7721 Datasheet HTML 165Page - Renesas Technology Corp SH7721 Datasheet HTML 166Page - Renesas Technology Corp SH7721 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 101 of 1458
REJ09B0033-0300
X memory
DSP unit
XDB
[15:0]
XAB
[15:0]
CPU
YAB
[15:0]
CDB
[31:0]
DSR
A0
A1
M0
M1
X0
X1
Y0
Y1
A0G
A1G
LAB
[31:0]
LDB
[31:0]
YDB
[15:0]
Y memory
Legend
XAB
XDB
YAB
YDB
LAB
LDB
CDB
: X bus (address)
: X bus (data)
: Y bus (address)
: Y bus (data)
: L bus (address)
: L bus (data)
: C bus (data)
Figure 3.4 DSP Registers and Bus Connections
(1) Double data transfer instructions (MOVX.W, MOVY.W)
With double data transfer instructions, X memory and Y memory can be accessed in parallel.
In this case, the specific buses called X bus and Y bus are used to access X memory and Y
memory, respectively. To fetch the CPU instructions, the L bus is used. Accordingly, no conflict
occurs among X, Y, and L buses.
Load instructions for X memory specify the X0 or X1 register as the destination operand. Load
instructions for Y memory specify the Y0 or Y1 register as the destination operand. Store registers
for X or Y memory specify the A0 or A1 register as the source operand. These instructions use
only word data (16 bits). When a word data transfer instruction is executed, the upper word of
register operand is used. To load word data, data is loaded to the upper word of the destination
register and the lower word of the destination register is automatically cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com