Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 306Page - Renesas Technology Corp SH7721 Datasheet HTML 307Page - Renesas Technology Corp SH7721 Datasheet HTML 308Page - Renesas Technology Corp SH7721 Datasheet HTML 309Page - Renesas Technology Corp SH7721 Datasheet HTML 310Page - Renesas Technology Corp SH7721 Datasheet HTML 311Page - Renesas Technology Corp SH7721 Datasheet HTML 312Page - Renesas Technology Corp SH7721 Datasheet HTML 313Page - Renesas Technology Corp SH7721 Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 1524 page
background image
Section 8
Interrupt Controller (INTC)
Rev. 3.00 Jan. 18, 2008 Page 248 of 1458
REJ09B0033-0300
Table 8.2
Interrupt Sources and IPRA to IPRJ
Register
Bits 15 to 12
Bits 11 to 8
Bits 7 to 4
Bits 3 to 0
IPRA
TMU0
TMU1
TMU2
RTC
IPRB
WDT
REF
SIM
Reserved*
IPRC
IRQ3
IRQ2
IRQ1
IRQ0
IPRD
Reserved*
TMU (TMU_SUNI) IRQ5
IRQ4
IPRE
DMAC (1)
Reserved*
LCDC
SSL
IPRF
ADC
DMAC (2)
USBF
CMT
IPRG
SCIF0
SCIF1
Reserved*
Reserved*
IPRH
PINTA
PINTB
TPU
I
2C
IPRI
SIOF0
SIOF1
MMC
PCC
IPRJ
Reserved*
USBH
SDHI
AFEIF
Note:
*
Reserved. Always read as 0. The write value should always be 0. The SSL and SDHI-
related bits are effective only for the models that include them. Reserved bits apply if
they are not included.
As shown in table 8.2, on-chip peripheral module or IRQ interrupts are assigned to four 4-bit
groups in each register. These 4-bit groups (bits 15 to 12, bits 11 to 8, bits 7 to 4, and bits 3 to 0)
are set with values from H'0 (0000) to H'F (1111). Setting H'0 means priority level 0 (masking is
requested); H'F means priority level 15 (the highest level).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com