Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 310Page - Renesas Technology Corp SH7721 Datasheet HTML 311Page - Renesas Technology Corp SH7721 Datasheet HTML 312Page - Renesas Technology Corp SH7721 Datasheet HTML 313Page - Renesas Technology Corp SH7721 Datasheet HTML 314Page - Renesas Technology Corp SH7721 Datasheet HTML 315Page - Renesas Technology Corp SH7721 Datasheet HTML 316Page - Renesas Technology Corp SH7721 Datasheet HTML 317Page - Renesas Technology Corp SH7721 Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 1524 page
background image
Section 8
Interrupt Controller (INTC)
Rev. 3.00 Jan. 18, 2008 Page 252 of 1458
REJ09B0033-0300
8.3.4
Interrupt Request Register 0 (IRR0)
IRR0 is an 8-bit register that indicates interrupt requests from the TMU and IRQ0 to IRQ5.
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6
TMU_
SUNIR
0
R/W
TMU_SUNI Interrupt Request
Indicates whether the TMU_SUNI (TMU) interrupt request
is generated.
0: TMU_SUNI interrupt request is not generated
1: TMU_SUNI interrupt request is generated
5
4
3
2
1
0
IRQ5R
IRQ4R
IRQ3R
IRQ2R
IRQ1R
IRQ0R
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
IRQn Interrupt Request
Indicates whether there is interrupt request input to the
IRQn pin. When edge-detection mode is set for IRQn, an
interrupt request is cleared by writing 0 to the IRQnR bit
after reading IRQnR = 1.
When level-detection mode is set for IRQn, these bits
indicate whether an interrupt request is input. The
interrupt request is set/cleared by only 1/0 input to the
IRQn pin.
IRQnR
0: No interrupt request input to IRQn pin
1: Interrupt request input to IRQn pin
[Legend] n = 0 to 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com