Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 312 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 312 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 308Page - Renesas Technology Corp SH7721 Datasheet HTML 309Page - Renesas Technology Corp SH7721 Datasheet HTML 310Page - Renesas Technology Corp SH7721 Datasheet HTML 311Page - Renesas Technology Corp SH7721 Datasheet HTML 312Page - Renesas Technology Corp SH7721 Datasheet HTML 313Page - Renesas Technology Corp SH7721 Datasheet HTML 314Page - Renesas Technology Corp SH7721 Datasheet HTML 315Page - Renesas Technology Corp SH7721 Datasheet HTML 316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 1524 page
background image
Section 8
Interrupt Controller (INTC)
Rev. 3.00 Jan. 18, 2008 Page 250 of 1458
REJ09B0033-0300
8.3.3
Interrupt Control Register 1 (ICR1)
ICR1 is a 16-bit register that specifies the detection mode for external interrupt input pins IRQ5 to
IRQ0 individually: rising edge, falling edge, high level, or low level.
Bit
Bit Name
Initial
Value
R/W
Description
15
MAI
0
R/W
All Interrupt Mask
When this bit is set to 1, all interrupt requests are masked
while low level is input to the NMI pin. The NMI interrupt
is masked in standby mode.
0: When the NMI pin is low, all interrupt requests are not
masked
1: When the NMI pin is low, all interrupt requests are
masked
14
IRQLVL
1
R/W
Interrupt Request Level Detection
Enables or disables the use of pins IRQ3 to IRQ0 as four
independent interrupt pins. The IRQ4 and IRQ5 are not
affected.
0: Use of pins IRQ3 to IRQ0 as four independent interrupt
pins enabled
1: Use of pins
IRL3 to IRL0 as encoded 15 level interrupt
pins
13
BLMSK
0
R/W
BL Bit Mask
When the BL bit in the SR register is set to 1, specifies
whether the NMI interrupt is masked.
0: When the BL bit is set to 1, the NMI interrupt is masked
1: The NMI interrupt is accepted regardless of the BL bit
setting
12
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com