Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 311 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 311 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 307Page - Renesas Technology Corp SH7721 Datasheet HTML 308Page - Renesas Technology Corp SH7721 Datasheet HTML 309Page - Renesas Technology Corp SH7721 Datasheet HTML 310Page - Renesas Technology Corp SH7721 Datasheet HTML 311Page - Renesas Technology Corp SH7721 Datasheet HTML 312Page - Renesas Technology Corp SH7721 Datasheet HTML 313Page - Renesas Technology Corp SH7721 Datasheet HTML 314Page - Renesas Technology Corp SH7721 Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 1524 page
background image
Section 8
Interrupt Controller (INTC)
Rev. 3.00 Jan. 18, 2008 Page 249 of 1458
REJ09B0033-0300
8.3.2
Interrupt Control Register 0 (ICR0)
ICR0 is a register that sets the input signal detection mode of the external interrupt input pin NMI,
and indicates the input signal level at the NMI pin.
Bit
Bit Name
Initial
Value
R/W
Description
15
NMIL
0/1*
R
NMI Input Level
Sets the level of the signal input at the NMI pin. This bit
can be read from to determine the NMI pin level. This bit
cannot be modified.
0: NMI input level is low
1: NMI input level is high
14 to 9 —
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
8
NMIE
0
R/W
NMI Edge Select
Selects whether the falling or rising edge of the interrupt
request signal at the NMI pin is detected.
0: Interrupt request is detected on falling edge of NMI
input
1: Interrupt request is detected on rising edge of NMI
input
7 to 0
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
Note:
*
The initial value is 1 when NMI input is high, 0 when NMI input is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com