Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 316 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 316 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 312Page - Renesas Technology Corp SH7721 Datasheet HTML 313Page - Renesas Technology Corp SH7721 Datasheet HTML 314Page - Renesas Technology Corp SH7721 Datasheet HTML 315Page - Renesas Technology Corp SH7721 Datasheet HTML 316Page - Renesas Technology Corp SH7721 Datasheet HTML 317Page - Renesas Technology Corp SH7721 Datasheet HTML 318Page - Renesas Technology Corp SH7721 Datasheet HTML 319Page - Renesas Technology Corp SH7721 Datasheet HTML 320Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 1524 page
background image
Section 8
Interrupt Controller (INTC)
Rev. 3.00 Jan. 18, 2008 Page 254 of 1458
REJ09B0033-0300
8.3.6
Interrupt Request Register 2 (IRR2)
IRR2 is an 8-bit register that indicates whether interrupt requests from the SSL and LCDC are
generated. This register is initialized to H'00 by a power-on reset or manual reset, but is not
initialized in standby mode.
Note:
On the models not having the SSL, the SSL-related bits are reserved. The write value
should always be 0.
Bit
Bit Name
Initial Value
R/W
Description
7 to 5
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
4
SSLIR
0
R/W
SSLI Interrupt Request
Indicates whether the SSLI (SSL) interrupt
request is generated.
0: SSLI interrupt request is not generated
1: SSLI interrupt request is generated
Note: On the models not having the SSL, this bit
is reserved and always read as 0. The write
value should always be 0.
3 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
LCDIR
0
R/W
LCDCI Interrupt Request
Indicates whether the LCDCI (LCDC) interrupt
request is generated.
0: LCDCI interrupt request is not generated
1: LCDCI interrupt request is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com