Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 314Page - Renesas Technology Corp SH7721 Datasheet HTML 315Page - Renesas Technology Corp SH7721 Datasheet HTML 316Page - Renesas Technology Corp SH7721 Datasheet HTML 317Page - Renesas Technology Corp SH7721 Datasheet HTML 318Page - Renesas Technology Corp SH7721 Datasheet HTML 319Page - Renesas Technology Corp SH7721 Datasheet HTML 320Page - Renesas Technology Corp SH7721 Datasheet HTML 321Page - Renesas Technology Corp SH7721 Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 1524 page
background image
Section 8
Interrupt Controller (INTC)
Rev. 3.00 Jan. 18, 2008 Page 256 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W
Description
1
PRIR
0
R/W
PRI Interrupt Request
Indicates whether the PRI (RTC) interrupt request
is generated.
0: PRI interrupt request is not generated
1: PRI interrupt request is generated
0
ATIR
0
R/W
ATI Interrupt Request
Indicates whether the ATI (RTC) interrupt request
is generated.
0: ATI interrupt request is not generated
1: ATI interrupt request is generated
8.3.8
Interrupt Request Register 4 (IRR4)
IRR4 is an 8-bit register that indicates whether interrupt requests from the REF, WDT, and TMU
are generated. This register is initialized to H'00 by a power-on reset or manual reset, but is not
initialized in standby mode.
Bit
Bit Name
Initial Value
R/W
Description
7
0
R
Reserved
This bit always read as 0. The write value should
always be 0.
6
TUNI2R
0
R/W
TUNI2 Interrupt Request
Indicates whether the TUNI2 (TMU) interrupt
request is generated.
0: TUNI2 interrupt request is not generated
1: TUNI2 interrupt request is generated
5
TUNI1R
0
R/W
TUNI1Interrupt Request
Indicates whether the TUNI1 (TMU) interrupt
request is generated.
0: TUNI1 interrupt request is not generated
1: TUNI1 interrupt request is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com