Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 30Page - Renesas Technology Corp 38C3 Datasheet HTML 31Page - Renesas Technology Corp 38C3 Datasheet HTML 32Page - Renesas Technology Corp 38C3 Datasheet HTML 33Page - Renesas Technology Corp 38C3 Datasheet HTML 34Page - Renesas Technology Corp 38C3 Datasheet HTML 35Page - Renesas Technology Corp 38C3 Datasheet HTML 36Page - Renesas Technology Corp 38C3 Datasheet HTML 37Page - Renesas Technology Corp 38C3 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 224 page
background image
38C3 Group User’s Manual
HARDWARE
1-19
INTERRUPTS
Interrupts occur by sixteen sources: six external, nine internal, and
one software.
Interrupt Control
Each interrupt except the BRK instruction interrupt have both an in-
terrupt request bit and an interrupt enable bit, and is controlled by the
interrupt disable flag. An interrupt occurs if the corresponding inter-
rupt request and enable bits are “1” and the interrupt disable flag is
“0”.
Interrupt enable bits can be set or cleared by software. Interrupt re-
quest bits can be cleared by software, but cannot be set by software.
The BRK instruction interrupt and reset cannot be disabled with any
flag or bit. The I flag disables all interrupts except the BRK instruction
interrupt and reset. If several interrupts requests occurs at the same
time the interrupt with highest priority is accepted first.
Interrupt Operation
By acceptance of an interrupt, the following operations are automati-
cally performed:
1. The processing being executed is stopped.
2. The contents of the program counter and processor status reg-
ister are automatically pushed onto the stack.
3. The interrupt disable flag is set and the corresponding interrupt
request bit is cleared.
4. The interrupt jump destination address is read from the vector
table into the program counter.
sNotes on Interrupts
When the active edge of an external interrupt (INT0 – INT2, CNTR0
or CNTR1) is set or an vector interrupt source where several interrupt
source is assigned to the same vector address is switched, the cor-
responding interrupt request bit may also be set. Therefore, take fol-
lowing sequence:
(1) Disable the interrupt.
(2) Change the active edge in interrupt edge selection register.
(3) Clear the set interrupt request bit to “0.”
(4) Enable the interrupt.
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com