Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 56Page - Renesas Technology Corp 38C3 Datasheet HTML 57Page - Renesas Technology Corp 38C3 Datasheet HTML 58Page - Renesas Technology Corp 38C3 Datasheet HTML 59Page - Renesas Technology Corp 38C3 Datasheet HTML 60Page - Renesas Technology Corp 38C3 Datasheet HTML 61Page - Renesas Technology Corp 38C3 Datasheet HTML 62Page - Renesas Technology Corp 38C3 Datasheet HTML 63Page - Renesas Technology Corp 38C3 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 224 page
background image
38C3 Group User’s Manual
HARDWARE
1-45
Name of Programming Adapter
PCA4738F-80A
PCA4738L-80A
DATA REQUIRED FOR MASK ORDERS
The following are necessary when ordering a mask ROM production:
1. Mask ROM Order Confirmation Form
2. Mark Specification Form
3. Data to be written to ROM, in EPROM form (three identical copies)
DATA REQUIRED FOR ROM WRITING ORDERS
The following are necessary when ordering a ROM writing:
1. ROM Writing Confirmation Form
2. Mark Specification Form
3. Data to be written to ROM, in EPROM form (three identical copies)
ROM PROGRAMMING METHOD
The built-in PROM of the blank One Time PROM version and built-in
EPROM version can be read or programmed with a general-purpose
PROM programmer using a special programming adapter.
Fig. 46 Programming and testing of One Time PROM version
Table 13 Programming adapter
Package
80P6N-A
80D0
The PROM of the blank One Time PROM version is not tested or
screened in the assembly process and following processes. To en-
sure proper operation after programming, the procedure shown in
Figure 46 is recommended to verify programming.
DATA REQUIRED FOR MASK ORDERS AND ROM WRITING ORDERS/ROM PROGRAMMING METHOD
Programming with PROM
programmer
Screening (Caution)
(150
°C for 40 hours)
Verification with
PROM programmer
Functional check in
target device
The screening temperature is far higher
than the storage temperature. Never
expose to 150
°C exceeding 100 hours.
Caution :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com