Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 48Page - Renesas Technology Corp 38C3 Datasheet HTML 49Page - Renesas Technology Corp 38C3 Datasheet HTML 50Page - Renesas Technology Corp 38C3 Datasheet HTML 51Page - Renesas Technology Corp 38C3 Datasheet HTML 52Page - Renesas Technology Corp 38C3 Datasheet HTML 53Page - Renesas Technology Corp 38C3 Datasheet HTML 54Page - Renesas Technology Corp 38C3 Datasheet HTML 55Page - Renesas Technology Corp 38C3 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 224 page
background image
38C3 Group User’s Manual
HARDWARE
1-37
φ CLOCK OUTPUT FUNCTION
The internal system clock
φ can be output from port P43 by setting
the
φ output control register. Set “1” to bit 3 of the port P4 direction
register when outputting
φ clock.
Fig. 35 Structure of
φ output control register
FUNCTIONAL DESCRIPTION
φ output control bit
0 : Port function
1 :
φ clock output
φ output control register
(CKOUT : address 002B16)
b7
b0
Not used (return “0” when read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com