Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 91Page - Renesas Technology Corp 38C3 Datasheet HTML 92Page - Renesas Technology Corp 38C3 Datasheet HTML 93Page - Renesas Technology Corp 38C3 Datasheet HTML 94Page - Renesas Technology Corp 38C3 Datasheet HTML 95Page - Renesas Technology Corp 38C3 Datasheet HTML 96Page - Renesas Technology Corp 38C3 Datasheet HTML 97Page - Renesas Technology Corp 38C3 Datasheet HTML 98Page - Renesas Technology Corp 38C3 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 224 page
background image
2-30
38C3 Group User’s Manual
APPLICATION
2.2 Timer
Fig. 2.2.28 Control procedure
•Timer A: IGBT output mode
•Noise filter: f(XIN); External trigger delayed: No delay
•Setting compare register value
•Setting timer A count value
•Timer A, INT0 interrupt: Disabled
“H” width 5
µs
Cycle 20
µs setting
(address 3016)
(address 3116)
(address 2E16)
(address 2F16)
(address 2C16)
(address 2D16)
(address 3E16)
RESET
SEI
TAM
TACON
CONAL
CONAH
TAL
TAH
ICON1
CLI
110001102
XXXXX0002
7716
0016
9F16
0016
XXX0XXX02
TAM
(address 3016), bit 6
0
q X: This bit is not used here. Set it to “0” or “1” arbitrary.
•All interrupts disabled
Initialization
•Interrupts enabled
•Timer A count start
Timer A start
Match with
compare
register
Timer A
underflow
Input from
INT0 pin
[
]
009F16
000016
P50/TAOUT
007716



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com