Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 67Page - Renesas Technology Corp 38C3 Datasheet HTML 68Page - Renesas Technology Corp 38C3 Datasheet HTML 69Page - Renesas Technology Corp 38C3 Datasheet HTML 70Page - Renesas Technology Corp 38C3 Datasheet HTML 71Page - Renesas Technology Corp 38C3 Datasheet HTML 72Page - Renesas Technology Corp 38C3 Datasheet HTML 73Page - Renesas Technology Corp 38C3 Datasheet HTML 74Page - Renesas Technology Corp 38C3 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 224 page
background image
2-6
38C3 Group User’s Manual
APPLICATION
2.1 I/O port
Fig. 2.1.8 Structure of PULL register B
Fig. 2.1.9 Structure of Port P8 output selection register
PULL register B
b7 b6 b5 b4 b3 b2 b1 b0
PULL register B
(PULLB: address 1716)
0: No pull-up control
1: Pull-up control
b
0
1
2
3
4
7
Name
Functions
At reset R W
0: No pull-up control
1: Pull-up control
0: No pull-up control
1: Pull-up control
0
0
0
0
0
0
Port P40–P43
pull-up control
Port P44–P47
pull-up control
Port P60–P63
pull-up control
Port P54–P57
pull-up control
Port P50, P52, P53
pull-up control
Port P64–P67
pull-up control
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
0
0
5
6
0: No pull-up control
1: Pull-up control
0: No pull-up control
1: Pull-up control
Note: The pin which is set to output port is cut off from pull-up control.
0: No pull-up control
1: Pull-up control
Port P8 output selection register
b7 b6 b5 b4 b3 b2 b1 b0
Port P8 output selection register (P8SEL: address 1816)
b
0
Name
Functions
At reset R W
0
Port P8 output
selection register
0
0
0
0
0
0
0
1
2
3
4
7
5
0: CMOS output (in output mode)
1: N-channel open-drain
output (in output mode)
0: CMOS output (in output mode)
1: N-channel open-drain
output (in output mode)
0: CMOS output (in output mode)
1: N-channel open-drain
output (in output mode)
0: CMOS output (in output mode)
1: N-channel open-drain
output (in output mode)
0: CMOS output (in output mode)
1: N-channel open-drain
output (in output mode)
0: CMOS output (in output mode)
1: N-channel open-drain
output (in output mode)
0: CMOS output (in output mode)
1: N-channel open-drain
output (in output mode)
0: CMOS output (in output mode)
1: N-channel open-drain
output (in output mode)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com