Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 76Page - Renesas Technology Corp 38C3 Datasheet HTML 77Page - Renesas Technology Corp 38C3 Datasheet HTML 78Page - Renesas Technology Corp 38C3 Datasheet HTML 79Page - Renesas Technology Corp 38C3 Datasheet HTML 80Page - Renesas Technology Corp 38C3 Datasheet HTML 81Page - Renesas Technology Corp 38C3 Datasheet HTML 82Page - Renesas Technology Corp 38C3 Datasheet HTML 83Page - Renesas Technology Corp 38C3 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 224 page
background image
38C3 Group User’s Manual
APPLICATION
2-15
2.2 Timer
Fig. 2.2.10 Structure of Timer A mode register
Fig. 2.2.11 Structure of Timer A control register
Timer A mode register
b7 b6 b5 b4 b3 b2 b1 b0
Timer A mode register
(TAM: address 3016)
b
0
4
Name
0
Functions
At reset R W
Timer A operating
mode bits
Timer A write control
bit
0 0: Timer mode
0 1: Pulse output mode
1 0: IGBT output mode
1 1: PWM mode
0 0: f(XIN)
0 1: f(XIN)/2
1 0: f(XIN)/4
1 1: f(XIN)/8
0
0
0: Write data to both timer
latch and timer
1: Write data to timer latch
1
Timer A count source
selection bits
3
0
0
0
0
0
Timer A output active
edge switch bit
Timer A count stop bit
0: Output starts with “L” level
1: Output starts with “H” level
0: Count operating
1: Count stop
Timer A output
selection bit (P50)
0: I/O port
1: Timer A output
5
6
7
b1b0
2
b4b3
Timer A control register
b7 b6 b5 b4 b3 b2 b1 b0
Timer A control register
(TACON: address 3116)
b
0
4
Name
0
Functions
At reset R W
Noise filter sampling
clock selection bit
External trigger delay
time selection bits
0: f(XIN)/2
1: f(XIN)/4
0: Not used
1: INT1 interrupt used
0 0: No delay
0 1: (4/f(XIN))
µs
1 0: (8/f(XIN))
µs
1 1: (16/f(XIN))
µs
0
0
1
Timer A output control
bit 1 (P56)
0: Not used
1: INT2 interrupt used
Timer A output control
bit 2 (P57)
3
0
0
0
5
6
7
2
b2b1
0
0
Nothing is arranged for these bits. These are write
disabled bits. When these bits are read out, the
contents are “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com