Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 83Page - Renesas Technology Corp 38C3 Datasheet HTML 84Page - Renesas Technology Corp 38C3 Datasheet HTML 85Page - Renesas Technology Corp 38C3 Datasheet HTML 86Page - Renesas Technology Corp 38C3 Datasheet HTML 87Page - Renesas Technology Corp 38C3 Datasheet HTML 88Page - Renesas Technology Corp 38C3 Datasheet HTML 89Page - Renesas Technology Corp 38C3 Datasheet HTML 90Page - Renesas Technology Corp 38C3 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 224 page
background image
2-22
38C3 Group User’s Manual
APPLICATION
2.2 Timer
Fig. 2.2.18 Control procedure
RESET
SEI
T12M
T34M
IREQ1
ICON1
T1
T2
T3
T12M
CLI
000000012
00XX01X02
000XXXXX2
001XXXXX2
3F16
FF16
0F16
T2
T3
IREQ1
FF16
0F16
0
1
0
(address 2116)
(address 2216)
(address 3C16), bit7
(address 2816)
(address 2916)
(address 3C16)
(address 3E16)
(address 2016)
(address 2116)
(address 2216)
(address 2816), bit0
0
N
Y
Clock is stopped ?
IREQ1 (address 3C16), bit7 ?
0
Initialization
•All interrupts disabled
•Timer count start
•Interrupts enabled
q X: This bit is not used here. Set it to “0” or “1” arbitrarily.
•Connection of Timers 1 to 3
•Setting of Interrupt request bits of Timers 1 to 3 to “0”
•Timer 1 interrupt enabled, Timers 2 and 3 interrupts disabled
•Setting “Division ratio – 1” to Timers 1 to 3
IREQ1 (address 3C16), bit7
V
Clock count up
Second to Year
Main processing
•Judgment whether time is not set or time is being set
•Confirmation that 1 sec. has passed
(Check of Timer 3 interrupt request bit)
•Interrupt request bit cleared
(Clear it by software when not using the interrupt.)
•Clock count up
•Adjust the main processing so that all processing in the loop V will
be processed within 1 second period.
•Set Timers again when starting clock from 0 second after
end of clock setting.
The procedure is Timer 2 setting followed by Timer 3 setting.
•Do not set Timer 1 again because Timer 1 is used to
generate the interrupt at 244
µs intervals.
Note : Perform procedure for end of clock setting only when end of
clock setting.
<Procedure for end of clock setting> (Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com