Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 65Page - Renesas Technology Corp 38C3 Datasheet HTML 66Page - Renesas Technology Corp 38C3 Datasheet HTML 67Page - Renesas Technology Corp 38C3 Datasheet HTML 68Page - Renesas Technology Corp 38C3 Datasheet HTML 69Page - Renesas Technology Corp 38C3 Datasheet HTML 70Page - Renesas Technology Corp 38C3 Datasheet HTML 71Page - Renesas Technology Corp 38C3 Datasheet HTML 72Page - Renesas Technology Corp 38C3 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 224 page
background image
2-4
38C3 Group User’s Manual
APPLICATION
2.1 I/O port
Fig. 2.1.5 Structure of Port Pi direction register (i = 2, 4, 5, 6, 8)
Fig. 2.1.4 Structure of Port P0 direction register and port P1 direction register
Port P0 direction register, Port P1 direction register
b7 b6 b5 b4 b3 b2 b1 b0
Port P0 direction register (P0D: address 0116)
Port P1 direction register (P1D: address 0316)
b
0
Name
0
Functions
At reset R W
0
0
0
0
0
Ports P0/P1
direction register
0
0
!!
!!
0
!!
!!
!!
!!
!
!
!
Nothing is arranged for these bits. When these
bits are read out, the contents are undefined.
2
3
4
5
6
7
1
0 : All bits of ports P0/P1
input mode
1 : All bits of ports P0/P1
output mode
Note: Ports P0 and P1 are switched to input and output by each port.
When b0 of corresponding port direction register is set to “0”, all
8 bits of port become input port. When b0 of corresponding port
direction register is set to “1”, all 8 bits of port become output
port. Nothing is arranged for b1 to b7 of port P0 and port P1
direction registers. These are write disabled bits.
Port Pi direction register
b7 b6 b5 b4 b3 b2 b1 b0
Port Pi direction register (i = 2, 4, 5, 6, 8)
(PiD: addresses 0516, 0916, 0B16, 0D16, 1116)
0 : Port Pi0 input mode
1 : Port Pi0 output mode
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0 : Port Pi2 input mode
1 : Port Pi2 output mode
0
0 : Port Pi3 input mode
1 : Port Pi3 output mode
0
0 : Port Pi4 input mode
1 : Port Pi4 output mode
0
0 : Port Pi5 input mode
1 : Port Pi5 output mode
0
0 : Port Pi6 input mode
1 : Port Pi6 output mode
0
0 : Port Pi7 input mode
1 : Port Pi7 output mode
0
Port Pi direction
register
Note: Bit 1 of the port P5 direction register (address 0B16) does not have
direction register function, because P51 is an input port. When writing to
bit 1 of the port P5 direction register, write “0” to the bit.
0 : Port Pi1 input mode
1 : Port Pi1 output mode
(Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com