| Electronic Components Datasheet Search |
|
38C3 Datasheet(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38C3 Datasheet(HTML) 7 Page - Renesas Technology Corp |
|
7 / 224 page ![]() 1 38C3 Group User’s Manual Table of contents Table of contents CHAPTER 1 HARDWARE DESCRIPTION ................................................................................................................................ 1-2 FEATURES .................................................................................................................................... 1-2 APPLICATION ................................................................................................................................ 1-2 PIN CONFIGURATION .................................................................................................................. 1-2 FUNCTIONAL BLOCK .................................................................................................................. 1-3 PIN DESCRIPTION ........................................................................................................................ 1-4 PART NUMBERING ....................................................................................................................... 1-6 GROUP EXPANSION .................................................................................................................... 1-7 Memory Type ............................................................................................................................ 1-7 Memory Size ............................................................................................................................. 1-7 Package ..................................................................................................................................... 1-7 FUNCTIONAL DESCRIPTION ...................................................................................................... 1-8 Central Processing Unit (CPU) .............................................................................................. 1-8 Memory .................................................................................................................................... 1-12 I/O Ports .................................................................................................................................. 1-14 Interrupts ................................................................................................................................. 1-19 Timers ...................................................................................................................................... 1-23 Serial I/O ................................................................................................................................. 1-28 A-D Converter ......................................................................................................................... 1-30 LCD Drive control circuit ....................................................................................................... 1-31 φ Clock Output Function ....................................................................................................... 1-37 ROM Correction Function (Mask ROM version only) ........................................................ 1-38 Reset Circuit ........................................................................................................................... 1-39 Clock Generating Circuit ....................................................................................................... 1-41 NOTES ON PROGRAMMING ..................................................................................................... 1-44 NOTES ON USE .......................................................................................................................... 1-44 DATA REQUIRED FOR MASK ORDERS ................................................................................ 1-45 DATA REQUIRED FOR ROM WRITING ORDERS ................................................................. 1-45 ROM PROGRAMMING METHOD .............................................................................................. 1-45 FUNCTIONAL DESCRIPTION SUPPLEMENT ......................................................................... 1-46 CHAPTER 2 APPLICATION 2.1 I/O port ..................................................................................................................................... 2-2 2.1.1 Memory map ................................................................................................................... 2-2 2.1.2 Relevant registers .......................................................................................................... 2-3 2.1.3 Terminate unused pins .................................................................................................. 2-7 2.1.4 Notes on I/O port ........................................................................................................... 2-8 2.1.5 Termination of unused pins .......................................................................................... 2-9 2.2 Timer ....................................................................................................................................... 2-10 2.2.1 Memory map ................................................................................................................. 2-10 2.2.2 Relevant registers ........................................................................................................ 2-11 2.2.3 Timer application examples ........................................................................................ 2-19 2.2.4 Notes on timer A (PWM mode and IGBT output mode) ...................................... 2-31 2.3 Serial I/O ................................................................................................................................ 2-33 2.3.1 Memory map ................................................................................................................. 2-33 2.3.2 Relevant registers ........................................................................................................ 2-33 2.3.3 Serial I/O connection examples ................................................................................. 2-36 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |