Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 82Page - Renesas Technology Corp 38C3 Datasheet HTML 83Page - Renesas Technology Corp 38C3 Datasheet HTML 84Page - Renesas Technology Corp 38C3 Datasheet HTML 85Page - Renesas Technology Corp 38C3 Datasheet HTML 86Page - Renesas Technology Corp 38C3 Datasheet HTML 87Page - Renesas Technology Corp 38C3 Datasheet HTML 88Page - Renesas Technology Corp 38C3 Datasheet HTML 89Page - Renesas Technology Corp 38C3 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 224 page
background image
38C3 Group User’s Manual
APPLICATION
2-21
2.2 Timer
Fig. 2.2.17 Relevant registers setting
ICON1
1
T13F16
T2
FF16
b0
b7
b0
b7
b0
b7
T12M
b0
b7
00 0
0 01
0
T34M
b0
b7
01
0
0
0
0
T30F16
b0
b7
0
0
IREQ1
b0
b7
Timer 12 mode register (address 2816)
Timer 1 count stop; Clear to “0” when starting count.
Timer 2 count: In progress
Timer 1 count source: f(XIN)/16
Timer 2 count source: Timer 1’s underflow
Timer 1 output selection: I/O port
Set “division ratio – 1”.
[ T1 = 63 (3F16), T2 = 255 (FF16), T3 = 15 (0F16) ]
Interrupt control register 1 (address 3E16)
Timer 34 mode register (address 2916)
Timer 3 count: In progress
Timer 3 count source: Timer 2’s underflow
Timer 3 output selection: I/O port
Timer 1 (address 2016)
Timer 2 (address 2116)
Timer 3 (address 2216)
Timer 1 interrupt: Enabled
Timer 2 interrupt: Disabled
Timer 3 interrupt: Disabled
Interrupt request register 1 (address 3C16)
Timer 1 interrupt request (becomes “1” at 244
µs intervals)
Timer 2 interrupt request
Timer 3 interrupt request (becomes “1” at 1 s intervals)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com