Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 49Page - Renesas Technology Corp 38C3 Datasheet HTML 50Page - Renesas Technology Corp 38C3 Datasheet HTML 51Page - Renesas Technology Corp 38C3 Datasheet HTML 52Page - Renesas Technology Corp 38C3 Datasheet HTML 53Page - Renesas Technology Corp 38C3 Datasheet HTML 54Page - Renesas Technology Corp 38C3 Datasheet HTML 55Page - Renesas Technology Corp 38C3 Datasheet HTML 56Page - Renesas Technology Corp 38C3 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 224 page
background image
38C3 Group User’s Manual
HARDWARE
1-38
ROM CORRECTION FUNCTION (Mask ROM
version only)
The 38C3 group has the ROM correction function correcting data at
the arbitrary addresses in the ROM area.
[ROM correct address register] 0F0216 – 0F1116
This is the register to store the address performing ROM correction.
There are two types of registers to correct up to 8 addresses: one is
the register to store the high-order address and the other is to store
the low-order address.
[ROM correct enable register 1 (RC1)] 0F0116
This is the register to enable the ROM correction function. When set-
ting the bit corresponding to the ROM correction address to “1”, the
ROM correction function is enabled.
It becomes invalid to the addresses of which corresponding bit is “0”.
All bits are “0” at the initial state.
[ROM correct data]
This is the register to store a correct data for the address specified by
the ROM correct address register.
sNotes on ROM correction function
1. To use the ROM correction function, transfer data to each ROM
correct data register in the initial setting.
2. Do not specify the same addresses in the ROM correct address
register.
Fig. 36 Structure of ROM correct address register
Fig. 37 Structure of ROM correct data
Fig. 38 Structure of ROM correct enable register 1
FUNCTIONAL DESCRIPTION
0F0216
0F0316
0F0416
0F0516
0F0616
0F0716
0F0816
0F0916
0F0A16
0F0B16
0F0C16
0F0D16
0F0E16
0F0F16
0F1016
0F1116
ROM correct high-order address register 1
ROM correct low-order address register 1
ROM correct high-order address register 2
ROM correct low-order address register 2
ROM correct high-order address register 3
ROM correct low-order address register 3
ROM correct high-order address register 4
ROM correct low-order address register 4
ROM correct high-order address register 5
ROM correct low-order address register 5
ROM correct high-order address register 6
ROM correct low-order address register 6
ROM correct high-order address register 7
ROM correct low-order address register 7
ROM correct high-order address register 8
ROM correct low-order address register 8
ROM correct data 1
ROM correct data 2
ROM correct data 3
ROM correct data 4
ROM correct data 5
ROM correct data 6
ROM correct data 7
ROM correct data 8
005016
005116
005216
005316
005416
005516
005616
005716
ROM correct enable register 1(address 0F01 16)
RC1
b7
b0
ROM correct address 1 enable bit
0 : Disabled
1 : Enabled
ROM correct address 2 enable bit
0 : Disabled
1 : Enabled
ROM correct address 3 enable bit
0 : Disabled
1 : Enabled
ROM correct address 4 enable bit
0 : Disabled
1 : Enabled
ROM correct address 5 enable bit
0 : Disabled
1 : Enabled
ROM correct address 6 enable bit
0 : Disabled
1 : Enabled
ROM correct address 7 enable bit
0 : Disabled
1 : Enabled
ROM correct address 8 enable bit
0 : Disabled
1 : Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com