Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 38Page - Renesas Technology Corp 38C3 Datasheet HTML 39Page - Renesas Technology Corp 38C3 Datasheet HTML 40Page - Renesas Technology Corp 38C3 Datasheet HTML 41Page - Renesas Technology Corp 38C3 Datasheet HTML 42Page - Renesas Technology Corp 38C3 Datasheet HTML 43Page - Renesas Technology Corp 38C3 Datasheet HTML 44Page - Renesas Technology Corp 38C3 Datasheet HTML 45Page - Renesas Technology Corp 38C3 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 224 page
background image
38C3 Group User’s Manual
HARDWARE
1-27
Fig. 23 Timing chart of timer A PWM, IGBT output modes
sNotes on Timer A
(1) Write order to timer A
• In the timer and pulse output modes, write to the timer A register
(low-order) first and to the timer A register (high-order) next. Do not
write to only one side.
• In the IGBT and PWM modes, write to the registers as follows:
the compare register (high- and low-order)
the timer A register (low-order)
the timer A register (high-order).
It is possible to use whichever order to write to the compare register
(high- and low-order). However, write both the compare register and
the timer A register at the same time.
(2) Read order to timer A
• In all modes, read to the timer A register (high-order) first and to the
timer A register (low-order) next. Read order to the compare regis-
ter is not specified.
• If reading to the timer A register during write operation or writing to
it during read operation, normal operation will not be performed.
(3) Write to timer A
• When writing a value to the timer A address to write to the latch
only, the value is set into the reload latch and the timer is updated
at the next underflow. Normally, when writing a value to the timer A
address, the value is set into the timer and the timer latch at the
same time, because they are written at the same time.
When writing to the latch only, if the write timing to the high-order
reload latch and the underflow timing are almost the same, an ex-
pected value may be set in the high-order counter.
• Do not switch the timer count source during timer count operation.
Stop the timer count before switching it. Additionally, when perform-
ing write to the latch and the timer at the same time, the timer count
value may change large.
(4) Set of timer A mode register
Set the write control bit to “1” (write to the latch only) when setting the
IGBT and PWM modes.
Output waveform simultaneously reflects the contents of both regis-
ters at the next underflow after writing to the timer A register (high-
order).
(5) Output control function of timer A
When using the output control function (INT1 and INT2) in the IGBT
mode, set the levels of INT1 and INT2 to “H” in the falling edge active
or to “L” in the rising edge active before switching to the IGBT mode.
FUNCTIONAL DESCRIPTION
ts
Timer A count
source
Timer A
PWM mode
IGBT output mode
(n-m+1) ! ts
m ! ts
(n+1) ! ts
Note: PWM waveform (duty : (n-m+1)/(n+1) and period : (n+1) ! ts) is output.
n : setting value of Timer A
m : setting value of compare register
ts : period of Timer A count source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com