Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 137Page - Renesas Technology Corp 38C3 Datasheet HTML 138Page - Renesas Technology Corp 38C3 Datasheet HTML 139Page - Renesas Technology Corp 38C3 Datasheet HTML 140Page - Renesas Technology Corp 38C3 Datasheet HTML 141Page - Renesas Technology Corp 38C3 Datasheet HTML 142Page - Renesas Technology Corp 38C3 Datasheet HTML 143Page - Renesas Technology Corp 38C3 Datasheet HTML 144Page - Renesas Technology Corp 38C3 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 224 page
background image
2-76
38C3 Group User’s Manual
APPLICATION
2.8 Clock generating circuit
(2)
Counting without clock error during power failure
Outline: It keeps counting without clock error during a power failure.
Specifications: •Reducing power consumption as low as possible while maintaining clock function
•Clock: f(XIN) = 4.19 MHz
•Sub clock: f(XCIN) = 32.768 kHz
•Use of Timer 3 interrupt
For the peripheral circuit and the status transition during a power failure, refer to “Figures 2.8.2 and
2.8.3”.
Figure 2.8.6 shows the structure of clock counter, Figures 2.8.7 and 2.8.8 show the setting of
relevant registers.
Fig. 2.8.6 Structure of clock counter
When the system returns from a
power failure, add the time taken
for the switching processing for the
return.
Timer 1 interrupt
1/256
Timer 2Timer 3
244
µs
1/16
f(XCIN) = 32.768 kHz
1/8
Timer 1
<At power failure>
f(XIN) = 4.19 MHz
Timer 1Base counter1 second counter1 minute counter
1/16
1/641/256
1/16
1/60
1 second
Minute/Time/Day/
Month/Year
244
µs
Timer 3 interrupt
: Software timer
: Hardware timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com