Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 114Page - Renesas Technology Corp 7477 Datasheet HTML 115Page - Renesas Technology Corp 7477 Datasheet HTML 116Page - Renesas Technology Corp 7477 Datasheet HTML 117Page - Renesas Technology Corp 7477 Datasheet HTML 118Page - Renesas Technology Corp 7477 Datasheet HTML 119Page - Renesas Technology Corp 7477 Datasheet HTML 120Page - Renesas Technology Corp 7477 Datasheet HTML 121Page - Renesas Technology Corp 7477 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 354 page
background image
HARDWARE
1-101
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
1.13A.3 Pins
The 7470/7471 group uses 4 pins for data transmit, data receive, shift clock transmit/receive and receive
ready signal output. All these pins are used in common with P1. A function selection is made by the Serial
_______________
I/O port selection bit (bit 3) and the SRDY signal output selection bit (bit 4) of the Serial I/O mode register
(SM : Address 00DC16).
The function of each pin is explained below.
(1) Data transmit pin [SOUT]
Transmit data is output bit by bit. This pin is used in common with P15. When the Serial I/O port
selection bit (bit 3) of the Serial I/O mode register is set to “1,” this pin becomes a Serial I/O data
output pin.
(2) Data receive pin [SIN]
Data is input bit by bit. This pin is used in common with P14. When the port P14 direction register
is put into the input mode, this pin becomes a Serial I/O data input pin.
(3) Shift clock transmit/receive pin [CLK]
This pin inputs (receives from the outside) or outputs (supplies to the outside) the shift clock for data
transmit/receive. This pin is used in common with P16.
The internal clock or the external clock can be selected by bit 2 of the Serial I/O mode register.
__________
(4) Receive enable signal output pins [SRDY], [SARDY]
This pin informs the outside of a receive ready state. This pin is used in common with P17.
q
____________
SRDY
signal
•
__________
SRDY
signal output selection bit (bit 4) of Serial I/O mode register is set to “1.”
•
__________
SRDY
signal selection bit (bit 5) of Serial I/O mode register is cleared to “0.”
When the above 2 conditions are satisfied, the level of the pin changes from “H” to “L” at the timing
at which data is written into the Serial I/O register, informing the outside of a receive ready state.
q SARDY signal
•
__________
SRDY
signal output selection bit (bit 4) of Serial I/O mode register is set to “1.”
•
__________
SRDY
signal selection bit (bit 5) of Serial I/O mode register is set to “1.”
When the above 2 conditions are satisfied, the level of the pin changes from “L” to “H” at the timing
at which data is written into the Serial I/O register, informing the outside of a receive ready state.
1.13A.4 Notes on use
When the external clock is selected, take the following points into consideration.
1When writing data into the Serial I/O register, perform a write operation while the synchronous clock
is at “H.”
2The shift operation of the Serial I/O register is continued while the synchronous clock is input to the
Serial I/O circuit. When the external clock is selected, stop the synchronous clock at the end of 8
cycles. (When the internal clock is selected, the synchronous clock stops automatically at the end of
8 cycles.)
3Set the “H” and “L” widths (TWH, TWL) of the pulse used as the external clock source to TWH, TWL [s]
> 2/(system clock frequency [Hz]). For example, when the system clock is 8 MHz, use a clock of 2
MHz or less (duty ratio 50 %).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com