Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 116Page - Renesas Technology Corp 7477 Datasheet HTML 117Page - Renesas Technology Corp 7477 Datasheet HTML 118Page - Renesas Technology Corp 7477 Datasheet HTML 119Page - Renesas Technology Corp 7477 Datasheet HTML 120Page - Renesas Technology Corp 7477 Datasheet HTML 121Page - Renesas Technology Corp 7477 Datasheet HTML 122Page - Renesas Technology Corp 7477 Datasheet HTML 123Page - Renesas Technology Corp 7477 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 354 page
background image
HARDWARE
1-103
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
Fig. 1.13A.8 Structure of Serial I/O counter and Byte counter
(2) Serial I/O counter, Byte counter (Address 00DE16)
The Serial I/O counter and the Byte counter are located at the same address.
q Serial I/O counter (bit 4 – bit 6)
The Serial I/O counter is set to “7” by writing transmit data into the Serial I/O register and counts
the synchronous clock of the Serial I/O eight times. The Serial I/O counter is a read-only type and
not affected by any write operation to the Byte counter.
q Byte counter (bit 0 – bit 3)
In the Serial I/O byte specification mode, the value written in the Byte counter is counted down at
8 cycles of the synchronous clock. When the value becomes “0,” a Serial I/O transmit/receive is
performed by the synchronous clock of the next 8 cycles. Because a reload function is not available,
re-set a value to transfer data continuously in the byte specification mode.
Figure 1.13A.8 shows a structure of the Serial I/O counter and the Byte counter.
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O counter and Byte counter [Address
B
Function
At reset
RW
Serial I/O counter and Byte counter (7470/7471 group)
0
to
3
Byte counter
4
to
6
!
?
7
?
?? !
When using the byte specification mode, set
a value of “0016” to “0F16.” Supposing that the
value to be written into the byte counter is “n,”
a Serial transmit/receive is performed with the
clock of the “n + 1”-th byte.
Serial I/O counter
When the internal clock is selected as a
synchronous clock, this counter generates 8
shift clocks.
When transmit data is written into the Serial
I/O register, “07 16” is set in the Serial I/O
counter.
Nothing is allocated for this bit. This is write
disabled bit and is undefined at reading.
00DE16]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com