Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 120Page - Renesas Technology Corp 7477 Datasheet HTML 121Page - Renesas Technology Corp 7477 Datasheet HTML 122Page - Renesas Technology Corp 7477 Datasheet HTML 123Page - Renesas Technology Corp 7477 Datasheet HTML 124Page - Renesas Technology Corp 7477 Datasheet HTML 125Page - Renesas Technology Corp 7477 Datasheet HTML 126Page - Renesas Technology Corp 7477 Datasheet HTML 127Page - Renesas Technology Corp 7477 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 354 page
background image
HARDWARE
1-107
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
2
2
2
2
2 SRDY signal
The clock synchronous Serial I/O can inform the outside that a serial transfer has become ready,
by outputting the SRDY signal.
2
2
2
2
2 Transmit operation of the clock synchronous Serial I/O
The transmit operation of the clock synchronous Serial I/O is described below.
q Start of transmit operation
Transmit data is transmitted by writing it into the Transmit buffer register (TB: address 00E016)
V2
in the transmit enable state.
V1
When the internal clock is selected as a synchronous clock, 8 shift
clocks are generated at the time when this set value has been written.
q Transmit operation
1After transmit data is written into the Transmit buffer register,
V2 the transmit buffer empty flag
(bit 0) of the Serial I/O status register is cleared to “0.”
2The transmit data written in the Transmit buffer register is transferred to the Transmit shift
register.
V3
3When the data transfer from the Transmit buffer register to the Transmit shift register is completed,
the transmit buffer empty flag is set to “1.”
V4
4The transmit data transferred to the Transmit shift register is output from the P15/TxD pin in
synchronization with the fall of the synchronous clock.
5When a transmit shift operation is started, the transmit shift completion flag (b2) of the Serial
I/O status register is cleared to “0.”
V5
6Data is output starting with the least significant bit of the Transmit shift register. Each time one-
bit data is output, the contents of the Transmit shift register are shifted by 1 bit in the direction
of the least significant bit.
7At the time when the transmit shift operation has been completed, the Transmit shift register
shift completion flag is set to “1.”
V3 V5
V 1: Status in which the register for transmit operation has been completed. Refer to “[Clock
synchronous Serial I/O setting method]” which will be described later.
V 2: When the external clock is selected, write data into the Transmit buffer register when the
synchronous clock is at “H.”
V 3: A transmit interrupt request occurs immediately after the transfer of
2 when the transmit
interrupt source bit (bit 3) of the Serial I/O control register (SIOCON) is “0,” or at the time of
7 when the said bit is “1.”
V 4: While the transmit buffer empty flag is “1,” the next transmit data can be written into the
Transmit buffer register.
V 5: When the internal clock is used as a synchronous clock, the shift clock supply to the Transmit
shift register is automatically stopped after 8-bit data is transmitted. However, if the next
transmit data is written to the Transmit buffer register while the Transmit shift register shift
completion flag is “0,” the shift clock supply is continued and serial data is continuously
output from the TxD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com