Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 35 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD7879 Datasheet HTML 28Page - Analog Devices AD7879 Datasheet HTML 29Page - Analog Devices AD7879 Datasheet HTML 30Page - Analog Devices AD7879 Datasheet HTML 31Page - Analog Devices AD7879 Datasheet HTML 32Page - Analog Devices AD7879 Datasheet HTML 33Page - Analog Devices AD7879 Datasheet HTML 34Page - Analog Devices AD7879 Datasheet HTML 35Page - Analog Devices AD7879 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
AD7879
Rev. 0 | Page 35 of 36
GROUNDING AND LAYOUT
For detailed information on grounding and layout considera-
tions for the AD7879, refer to the AN-577 Application Note,
Layout and Grounding Recommendations for Touch Screen
Digitizers.
CHIP SCALE PACKAGES
The lands on the chip scale package (CP-16-10) are rectangular.
The printed circuit board (PCB) pad for these should be 0.1 mm
longer than the package land length, and 0.05 mm wider than
the package land width. Center the land on the pad to maximize
the solder joint size.
The bottom of the chip scale package has a central thermal pad.
The thermal pad on the printed circuit board should be at least
as large as this exposed pad. To avoid shorting, provide a clear-
ance of at least 0.25 mm between the thermal pad and the inner
edges of the land pattern on the PCB. Thermal vias can be
used on the printed circuit board thermal pad to improve thermal
performance of the package. If vias are used, they should be
incorporated in the thermal pad at a 1.2 mm pitch grid. The via
diameter should be between 0.3 mm and 0.33 mm, and the via
barrel should be plated with 1 oz. of copper to plug the via.
Connect the PCB thermal pad to GND.
WLCSP ASSEMBLY CONSIDERATIONS
For detailed information on the WLCSP PCB assembly and
reliability, see the AN-617 Application Note, MicroCSP™ Wafer
Level Chip Scale Package.
NC = NO CONNECT
1
Y+
2
NC
3
NC
4
X–
11
NC
12
10
NC
9
DOUT
5
6
7
8
15
16
14
13
AD7879
PENIRQ/INT/DAV
TOUCH
SCREEN
0.1µF
0.1µF TO 10µF
(OPTIONAL)
VOLTAGE
REGULATOR
MAIN
BATTERY
INT
SCLK
MISO
MOSI
HOST
CS
Figure 45. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com