Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7879 Datasheet HTML 11Page - Analog Devices AD7879 Datasheet HTML 12Page - Analog Devices AD7879 Datasheet HTML 13Page - Analog Devices AD7879 Datasheet HTML 14Page - Analog Devices AD7879 Datasheet HTML 15Page - Analog Devices AD7879 Datasheet HTML 16Page - Analog Devices AD7879 Datasheet HTML 17Page - Analog Devices AD7879 Datasheet HTML 18Page - Analog Devices AD7879 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
AD7879
Rev. 0 | Page 15 of 36
Temperature Calculations
If an explicit temperature reading in degrees Celsius is required,
calculate for the single measurement method by
1.
Calculate the scale factor of the ADC in degrees per LSB
Degrees per LSB = ADC LSB size/−2.1 mV =
(VCC/4096)/−2.1 mV
2.
Save the ADC output (DCAL) at the calibration
temperature, TCAL.
3.
Take the ADC reading, DAMB, at the temperature to be
measured, TAMB.
4.
Calculate the difference in degrees between TCAL and TAMB by
ΔT = (DAMB − DCAL) × degrees per LSB
5.
Add ΔT to TCAL.
Example
Using VCC = 2.5 V as reference,
Degrees per LSB = (2.5/4096)/−2.1 × 10−3 = −0.291
The ADC output is 983 decimal at 25°C, equivalent to a diode
forward voltage of 0.6 V.
The ADC output at TAMB is 880.
ΔT = (880 − 983) × −0.291 = 30°C
TAMB = 25 + 30 = 55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com