Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7879 Datasheet HTML 26Page - Analog Devices AD7879 Datasheet HTML 27Page - Analog Devices AD7879 Datasheet HTML 28Page - Analog Devices AD7879 Datasheet HTML 29Page - Analog Devices AD7879 Datasheet HTML 30Page - Analog Devices AD7879 Datasheet HTML 31Page - Analog Devices AD7879 Datasheet HTML 32Page - Analog Devices AD7879 Datasheet HTML 33Page - Analog Devices AD7879 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
AD7879
Rev. 0 | Page 30 of 36
SERIAL INTERFACE
The AD7879 is available with an serial peripheral interface
(SPI). The AD7879-1 is available with an I2C®-compatible
interface. Both parts are the same, with the exception of the
serial interface. It is recommended not to write to addresses
outside the register map.
SPI INTERFACE
The AD7879 has a 4-wire SPI. The SPI has a data input pin
(DIN) for inputting data to the device, a data output pin
(DOUT) for reading data back from the device, and a data
clock pin (SCL) for clocking data into and out of the device.
A chip select pin (CS) enables or disables the serial interface.
CS is required for correct operation of the SPI interface. Data
is clocked out of the AD7879 on the negative edge of SCL and
data is clocked into the device on the positive edge of SCL.
SPI Command Word
All data transactions on the SPI bus begin with the master
taking CS from high to low and sending out the command
word. This indicates to the AD7879 whether the transaction
is a read or a write, and gives the address of the register from
which to begin the data transfer. The bit map in
shows
the SPI command word.
Table 22
Table 22.
MSB
LSB
15
14
13
12
11
10
9:0
1
1
1
0
0
R/W
Register address
Bits[15:11] of the command word must be set to 11100 to
successfully begin a bus transaction.
Bit 10 is the read/write bit; 1 indicates a read, and 0 indicates
a write.
Bits[9:0] contain the target register address. When reading or
writing to more than one register, this address indicates the
address of the first register to be written to or read from.
Writing Data
Data is written to the AD7879 in 16-bit words. The first word
written to the device is the command word, with the read/write
bit set to 0. The master then supplies the 16-bit input data-word
on the DIN line. The AD7879 clocks the data into the register
addressed in the command word. If there is more than one word
of data to be clocked in, the AD7879 automatically increments
the address pointer and clocks the next data-word into the
following register.
The AD7879 continues to clock in data on the SDA line until
either the master finishes the write transition by pulling CS
high, or until the address pointer reaches its maximum value.
The AD7879 address pointer does not wrap around. When it
reaches its maximum value, any data provided by the master
on the DIN line is ignored by the AD7879.
NOTES
1. DATA BITS ARE LATCHED ON SCL RISING EDGES. SCL CAN IDLE HIGH OR LOW BETWEEN WRITE OPERATIONS.
2. ALL 32 BITS MUST BE WRITTEN: 16 BITS FOR CONTROL WORD AND 16 BITS FOR DATA.
3. 16-BIT COMMAND WORD SETTINGS FOR SERIAL WRITE OPERATION:
CW[15:11] = 11100 (ENABLE WORD)
CW[10] = 0 (R/W)
CW[9:0] = [AD9, AD8, AD7, AD6, AD5, AD4, AD3, AD2, AD1, AD0] (10-BIT MSB JUSTIFIED REGISTER ADDRESS)
CW
11
CW
10
CW
13
CW
12
DIN
CW
15
CW
14
CW
9
CW
7
CW
6
CW
5
CW
4
CW
3
CW
2
CW
1
CW
0
D2
D1
D0
CW
8
t1
t4
16-BIT COMMAND WORD
16-BIT DATA
5
32
6
7
8
9
10
11
12
13
14
1516
3031
t8
t5
SCL
1234
D15
D14
D13
17
18
19
CS
ENABLE WORD
R/W
REGISTER ADDRESS
t2
t3
Figure 38. Single Register Write, SPI Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com