Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 34 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD7879 Datasheet HTML 28Page - Analog Devices AD7879 Datasheet HTML 29Page - Analog Devices AD7879 Datasheet HTML 30Page - Analog Devices AD7879 Datasheet HTML 31Page - Analog Devices AD7879 Datasheet HTML 32Page - Analog Devices AD7879 Datasheet HTML 33Page - Analog Devices AD7879 Datasheet HTML 34Page - Analog Devices AD7879 Datasheet HTML 35Page - Analog Devices AD7879 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD7879
Rev. 0 | Page 34 of 36
NOTES
1. A START CONDITION AT THE BEGINNING IS DEFINED AS A HIGH-TO-LOW TRANSITION ON SDA WHILE SCL REMAINS HIGH.
2. A STOP CONDITION AT THE END IS DEFINED AS A LOW-TO-HIGH TRANSITION ON SDA WHILE SCL REMAINS HIGH.
3. THE MASTER GENERATES THE ACK AT THE END OF THE READBACK TO SIGNAL THAT IT DOES NOT WANT ADDITIONAL DATA.
4. 7-BIT DEVICE ADDRESS [DEV A6:DEV A0] = [0 1 0 1 1 X X], WHERE THE TWO LSB Xs ARE DON'T CARE BITS.
5. REGISTER DATA [D15:D8] AND REGISTER DATA [D7:D0] ARE ALWAYS SEPARATED BY A LOW ACK BIT.
6. THE R/W BIT IS SET TO A1 TO INDICATE A READBACK OPERATION.
SDA
DEV
A6
DEV
A5
DEV
A4
R/W
SCL
DEV
A3
12
34
17
18
DEV
A2
DEV
A1
DEV
A0
ACK
A7
A6
11
16
56
78
910
START
AD7879-1 DEVICE ADDRESS
A1
A0
REGISTER ADDRESS[A7:A0]
ACK
26
19
21
25
28
27
35
29
36
D1
D0
D7
D6
REGISTER DATA[D7:D0]
SR
ACK
37
P
DEV
A6
DEV
A5
DEV
A4
1
23
t8
t7
t6
t
5
t4
t2
t1
t3
AD7879 DEVICE ADDRESS
AD7879-1 DEVICE ADDRESS
DEV
A6
DEV
A5
DEV
A1
DEV
A0
R/W
20
30
26
19
21
25
28
27
35
29
36
D1
D0
D7
D6
REGISTER DATA[D7:D0]
S
ACK
37
P
t
5
t4
AD7879-1 DEVICE ADDRESS
DEV
A6
DEV
A5
DEV
A1
DEV
A0
R/W
20
30
P
USING
REPEATED
START
SEPARATE
READ AND
WRITE
TRANSACTIONS
ACK
ACK
Figure 43. Example of I2C Timing for Single Register Read Back Operation
6-BIT DEVICE
ADDRESS
6-BIT DEVICE
ADDRESS
REGISTER ADDR
[7:0]
READ DATA
HIGH BYTE [15:8]
READ DATA
LOW BYTE [7:0]
READ DATA
HIGH BYTE [15:8]
READ DATA
LOW BYTE [7:0]
W
SP
S
R
P
. . .
READ (WRITE TRANSACTION SETS UP REGISTER ADDRESS)
6-BIT DEVICE
ADDRESS
6-BIT DEVICE
LOW BYTE
REGISTER ADDR
[7:0]
READ DATA
ADDRESS
READ DATA
HIGH BYTE [15:8]
READ DATA
HIGH BYTE [15:8]
READ DATA
LOW BYTE [7:0]
W
SR
P
. . .
READ (USING REPEATED START)
S
6-BIT DEVICE
ADDRESS
REGISTER ADDR
[7:0]
WRITE DATA
HIGH BYTE [15:8]
WRITE DATA
LOW BYTE [7:0]
WRITE DATA
HIGH BYTE [15:8]
WRITE DATA
LOW BYTE [7:0]
W
P
. . .
WRITE
OUTPUT FROM MASTER
OUTPUT FROM AD7879
S = START BIT
P = STOP BIT
SR = REPEATED START BIT
R = READ BIT
W = WRITE BIT
ACK = ACKNOWLEDGE BIT
ACK = NO ACKNOWLEDGE BIT
Figure 44. Example of Sequential I2C Write and Read Back Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com