Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7879 Datasheet HTML 18Page - Analog Devices AD7879 Datasheet HTML 19Page - Analog Devices AD7879 Datasheet HTML 20Page - Analog Devices AD7879 Datasheet HTML 21Page - Analog Devices AD7879 Datasheet HTML 22Page - Analog Devices AD7879 Datasheet HTML 23Page - Analog Devices AD7879 Datasheet HTML 24Page - Analog Devices AD7879 Datasheet HTML 25Page - Analog Devices AD7879 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD7879
Rev. 0 | Page 22 of 36
Table 12. Control Register 3
Address
Name
Data
Bit
Description
Default
Value
0x03
TEMP MASK
15
TEMP mask bit
0x0000
0 = temperature measurement is allowed to cause interrupt
1 = temperature measurement is not allowed to cause interrupt
AU
X/VBAT
MASK
14
AUX/VBAT mask bit
0 = AUX/VBAT measurement is allowed to cause interrupt
1 = AUX/VBAT measurement is not allowed to cause interrupt
INT MODE
13
DAV/INT mode select
0 = enable DAV mode
1 = enable INT mode
Note that this bit overrides any mask bits associated with individual channels
GPIO ALERT
12
GPIO interrupt enable
0 = GPIO can cause an alert on the INT output
1 = mask GPIO from causing an alert on the INT output
AUX/VBAT LOW
11
1 = AUX/VBAT below low limit
AUX/VBAT HIGH
10
1 = AUX/VBAT above high limit
TEMP LOW
9
1 = TEMP below low limit
TEMP HIGH
8
1 = TEMP above high limit
X+
7
1 = include measurement of Y position (X+ input)
Y+
6
1 = include measurement of X position (Y+ input)
Z1
5
1 = include Z1 touch pressure measurement (X+ input)
Z2
4
1 = include measurement of Z2 touch pressure measurement (Y− input)
AUX
3
1 = include measurement of AUX channel1
VBAT
2
1 = include measurement of battery monitor (VBAT)1
TEMP
1
1 = include temperature measurement
Not used
0
Unused
1 If GPIO is enabled, AUX and VBAT are both ignored. If AUX and VBAT are both selected, and GPIO is disabled, AUX is ignored, and VBAT is measured.
Table 13. Limit Registers
Address
Data Bit
Description
Default Value
0x04
15:0
User-programmable AUX/VBAT high limit register
0x0000
0x05
15:0
User-programmable AUX/VBAT low limit register
0x0000
0x06
15:0
User-programmable TEMP high limit register
0x0000
0x07
15:0
User-programmable TEMP low limit register
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com