Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7879 Datasheet HTML 6Page - Analog Devices AD7879 Datasheet HTML 7Page - Analog Devices AD7879 Datasheet HTML 8Page - Analog Devices AD7879 Datasheet HTML 9Page - Analog Devices AD7879 Datasheet HTML 10Page - Analog Devices AD7879 Datasheet HTML 11Page - Analog Devices AD7879 Datasheet HTML 12Page - Analog Devices AD7879 Datasheet HTML 13Page - Analog Devices AD7879 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD7879
Rev. 0 | Page 10 of 36
1400
1200
1000
800
600
400
200
0
2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6
VCC (V)
250
200
150
100
50
0
–4
–3
–2
–1
0
ERROR (%)
MEAN: –1.98893
SD: 0.475534
Figure 19. Temperature Code vs. VCC for 25°C
Figure 21. Typical Uncalibrated Accuracy for Battery Channel (25°C)
0
–20
–40
–60
–80
–100
–120
–140
–160
FREQUENCY (Hz)
SNR = 61.58dB
THD = 72.34dB
Figure 20. Typical FFT Plot for the Auxiliary Channels at 25 kHz Sampling
Rate and 1 kHz Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com