Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7879 Datasheet HTML 22Page - Analog Devices AD7879 Datasheet HTML 23Page - Analog Devices AD7879 Datasheet HTML 24Page - Analog Devices AD7879 Datasheet HTML 25Page - Analog Devices AD7879 Datasheet HTML 26Page - Analog Devices AD7879 Datasheet HTML 27Page - Analog Devices AD7879 Datasheet HTML 28Page - Analog Devices AD7879 Datasheet HTML 29Page - Analog Devices AD7879 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AD7879
Rev. 0 | Page 26 of 36
PM1
PM0
GPIO
EN
GPIO
DAT
GPIO
DIR
GPIO
POL
AVG1 AVG0 MED1 MED0
SW/
RST
FCD3
FCD2 FCD1 FCD0
0
15
SER/
DFR
Figure 30. Control Register 2
CONTROL REGISTER 2
Control Register 2 (Address 0x02) contains the power
management bits, the GPIO settings, the SER/DFR bit
(to choose single or differential methods of touch screen
measurement), the averaging and median filter settings, a bit
that allows resetting the part, and the first conversion delay
bits. Its power-on default value is 0x4040. See the
section for more information on the
control registers.
Detailed
Register Descriptions
First Conversion Delay (Control Register 2, Bits[3:0])
The first conversion delay (FCD) bits in Control Register 2
program a delay from 128 μs (default) up to 4.096 ms before
the first conversion to allow the ADC time to power up. This
delay also occurs before conversion of the X and Y coordinate
channels to allow extra time for screen settling, and after the
last conversion in a sequence to precharge PENIRQ.
Table 20. First Conversion Delay Selection
FCD
Function
0000
128 μs
0001
256 μs
0010
384 μs
0011
512 μs
0100
640 μs
0101
768 μs
0110
896 μs
0111
1.024 ms
1000
1.152 ms
1001
1.280 ms
1010
1.536 ms
1011
1.792 ms
1100
2.048 ms
1101
2.560 ms
1110
3.584 ms
1111
4.096 ms
Power Management (Control Register 2, Bits[15:14])
The power management (PM) bits in Control Register 2 allow
the power management features of the ADC to be programmed.
If the PM bits are 00, the ADC is permanently powered down.
This overrides any setting of the mode bits in Control Register 1.
If the PM bits are 01, both the ADC and the reference power
down when the ADC is not converting. If the PM bits are 10 or
11, the analog blocks to be powered down depend on the ADC
mode settings. Power management overrides the ADC modes.
Table 21. Power Management Selection
PM1
PM0
Function
0
0
Full shutdown; ADC, oscillator, BIAS, and
temperature sensor are all turned off. The only
way of coming out of this mode is to write to the
part over the serial interface and change the PM
bits. This setting overrides any other setting on
the part, including the ADC mode bits.
0
1
The analog blocks to be powered down depend
on the ADC mode settings. If the ADC mode is set
to master mode, the ADC, BIAS, temperature
sensor, and oscillator are powered down and
must wake up when the user touches the screen.
If the ADC mode is set to slave mode, the ADC
and the TEMP sensor are powered down while
not being used. They wake up automatically
when required. The oscillator and BIAS are
powered up because they are needed to measure
time. This also applies to the single-conversion
mode.
1
0
ADC, BIAS, and the oscillator are powered up
continuously irrespective of ADC mode.
1
1
As 01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com