Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7879 Datasheet HTML 21Page - Analog Devices AD7879 Datasheet HTML 22Page - Analog Devices AD7879 Datasheet HTML 23Page - Analog Devices AD7879 Datasheet HTML 24Page - Analog Devices AD7879 Datasheet HTML 25Page - Analog Devices AD7879 Datasheet HTML 26Page - Analog Devices AD7879 Datasheet HTML 27Page - Analog Devices AD7879 Datasheet HTML 28Page - Analog Devices AD7879 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
AD7879
Rev. 0 | Page 25 of 36
ADC Channel (Control Register 1 Bits[14:12])
The ADC channel is selected by Bits[14:12] of Control Register 1
(CHNL ADD2 to CHNL ADD0). A complete list of channel
addresses is given in Table 19.
For Mode 0 (single-channel) conversion, the channel is selected
by writing the appropriate CHNL ADD2 to CHNL ADD0 code
to Control Register 1.
For sequential channel conversion, channels to be converted are
selected by setting bits corresponding to the channel number in
the Control Register 3 for slave and master mode sequencing.
For both single-channel and sequential conversion, a normal
conversion (single-ended) is selected by clearing the SER/DFR
bit in Control Register 2 (Bit 9). Ratiometric (differential)
conversion is selected by setting the SER/DFR bit.
PENIRQ Enable (Control Register 1, Bit 15)
The AD7879 has a dual function output that performs as
PENIRQ or INT depending on the pen interrupt enable bit
(Bit 15 of Control Register 1). When this bit is set to 0, the
pin is working as a pen interrupt and it goes low whenever the
screen is touched. When the pen interrupt enable bit is set to 1,
the pin interrupt request is disabled and the pin functions as INT.
Table 19. Codes for Selecting Input Channel and Normal or Ratiometric Conversion
Channel
SER/DFR
CHNL ADD[2:0]
Analog Input
X Switches
Y Switches
+REF
−REF
0
0
1 1 1
X+ (Y position)
Off
On
Y+
Y−
1
0
1 1 0
Y+ (X position)
On
Off
X+
X−
2
0
1 0 1
X+ (Z1 touch pressure)
X+ off, X− on
Y+ on, Y− off
Y+
X−
3
0
1 0 0
Y− (Z2 touch pressure)
X+ off, X− on
Y+ on, Y− off
Y+
X−
4
0
0 1 1
AUX
Off
Off
VCC
GND
5
0
0 1 0
VBAT
Off
Off
VCC
GND
6
0
0 0 1
TEMP
Off
Off
VCC
GND
0
0 0 0
Invalid address
7
1
1 1 1
X+ (Y position)
Off
On
VCC
GND
8
1
1 1 0
Y+ (X position)
On
Off
VCC
GND
9
1
1 0 1
X+ (Z1 touch pressure)
Off
Off
VCC
GND
12
1
1 0 0
Y− (Z2 touch pressure)
Off
Off
VCC
GND
13
1
0 1 1
AUX
Off
Off
VCC
GND
14
1
0 1 0
VBAT
Off
Off
VCC
GND
15
1
0 0 1
TEMP
Off
Off
VCC
GND
1
0 0 0
Invalid address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com