Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7879 Datasheet HTML 24Page - Analog Devices AD7879 Datasheet HTML 25Page - Analog Devices AD7879 Datasheet HTML 26Page - Analog Devices AD7879 Datasheet HTML 27Page - Analog Devices AD7879 Datasheet HTML 28Page - Analog Devices AD7879 Datasheet HTML 29Page - Analog Devices AD7879 Datasheet HTML 30Page - Analog Devices AD7879 Datasheet HTML 31Page - Analog Devices AD7879 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD7879
Rev. 0 | Page 28 of 36
AVG
FINISHED?
FCD
REQ’D?
MAV FILTER
ENABLED
START ACQUIST TIMER
AND WAIT FOR
ACQUISITION
CONVERT: WAIT FOR
DATA_READY
RUN
AVERAGER
TXFER DATA
TO REG. MAP
SET CHANNEL
CONV_START = 1
CONV_START = 0
MEDIAN
WINDOW
FINISHED?
COMPARE NEW
READING
SHIFT
READINGS
RUN FILTER
AVERAGER
OUT-OF-
LIMIT?
LIMIT
COMPARISON
NO FCD
REQ’D
SET ALERT AND
INTERRUPT
EOCS
?
YES
NO
YES
NO
YES
YES
NO
NO
START FCD
TIMER
WAIT FOR
FCD
YES
END OF
CONVERSION
SEQUENCE
YES
NOTE THAT CONVERSION
SEQUENCE MAY BE 1
CHANNEL ONLY (MODE 01).
NO
START OF
CONVERSION
SEQUENCE
NO
Figure 33. Conversion Sequence
INTERRUPTS
The AD7879 has a dual function interrupt output, INT, as well
as a pen down interrupt, PENIRQ. The INT output can be con-
figured as a data available interrupt, as an out of limit interrupt, or
as a GPIO interrupt.
INT—Data Available
The behavior of the interrupt output is controlled by Bit 13 in
Control Register 3. In default mode, INT operates as a data
available interrupt (Bit 13 = 0). When the AD7879 has finished
a conversion or a conversion sequence, the interrupt asserts to
let the host know that new ADC data is available in the result
registers.
While the ADC is idle or is converting, INT is high. When the
ADC has finished converting and new data has been written to
the results registers, INT goes low. Reading the result registers
resets INT to a high condition. INT is also reset if a new conver-
sion is started by the AD7879 because the timer expired. The
host should read the results registers only when INT is low. To
ensure correct operation of the DAV mode when using the SPI
interface it is necessary to write 0x0000 to Register 0x81 after a
set of register reads. This clears the internal data read signal.
ADC
CONVERTING
SETUP
BY HOST
IDLE
NEW DATA
AVAILABLE
HOST READS
RESULTS
IDLE
tCONV
AD7879
STATUS
INT
Figure 34. Operation of INT Output
When the on-board timer is programmed to perform automatic
conversions, limited time is available to the host to read the
results registers before another sequence of conversions begins.
The INT signal is reset high when the timer expires, and the
host should not access the results registers while INT is high.
INT—Out of Limits
The INT pin operates as an alarm or interrupt output when
Bit 13 in Register 0x03 is set to 1. The output goes low if any
one of the interrupt sources is asserted. The results of high and
low limit comparisons on the AUX, VBAT, and TEMP channels
are interrupt sources. An out-of-limit comparison sets a status
bit in the interrupt register. There are separate status bits for
both the high and low limits on each channel to indicate which
limit was exceeded. The interrupt sources can be masked by
clearing the corresponding enable bit in this register. There is
one enable bit per channel.
PENIRQ— Pen Interrupt
The pen interrupt request output (PENIRQ) goes low when-
ever the screen is touched and the PENIRQ enable bit is set to
0 (Control Register 1, Bit 15). When PENIRQ enable is set to 1,
the pen interrupt request output is disabled.
The pen interrupt equivalent output circuitry is outlined in
Figure 35. This is a digital logic output with an internal 50 kΩ
pull-up resistor, which means it does not need an external pull-
up. The PENIRQ output idles high, and the PENIRQ circuitry
is always enabled in master mode (ADC mode = 11), except
during conversions.
X+
TOUCH
SCREEN
Y+
50k
Ω
Y–
X–
PENIRQ
ENABLE
PENIRQ
VCC
VCC
Figure 35. PENIRQ Output Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com