Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 36 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD7879 Datasheet HTML 28Page - Analog Devices AD7879 Datasheet HTML 29Page - Analog Devices AD7879 Datasheet HTML 30Page - Analog Devices AD7879 Datasheet HTML 31Page - Analog Devices AD7879 Datasheet HTML 32Page - Analog Devices AD7879 Datasheet HTML 33Page - Analog Devices AD7879 Datasheet HTML 34Page - Analog Devices AD7879 Datasheet HTML 35Page - Analog Devices AD7879 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
AD7879
Rev. 0 | Page 36 of 36
OUTLINE DIMENSIONS
SEATING
PLANE
0.50 BSC
BALL PITCH
1.67
1.61
1.55
0.28
0.24
0.20
0.17
0.15
0.13
0.36
0.32
0.28
0.65
0.59
0.53
BOTTOM
VIEW
(BALL SIDE UP)
2.07
2.01
1.95
TOP VIEW
(BALL SIDE DOWN)
A
1
2
3
B
C
D
BALL 1
IDENTIFIER
Figure 46. 12-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-12-1)
Dimensions shown in millimeters
16
5
13
8
9
12
1
4
1.95 BSC
PIN 1
INDICATOR
TOP
VIEW
4.00
BSC SQ
3.75
BSC SQ
COPLANARITY
0.08
EXPOSED
PAD
(BOTTOM VIEW)
COMPLIANT TO JEDEC STANDARDS MO-220-VGGC
12° MAX
1.00
0.85
0.80
SEATING
PLANE
0.35
0.30
0.25
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
0.20 REF
0.65 BSC
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
0.50
0.40
0.30
0.25 MIN
2.50
2.35 SQ
2.20
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 47. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm x 4mm Very Thin Quad
(CP-16-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Serial Interface Description
Package Description
Package Option
Branding
AD7879ACBZ-RL1
−40°C to +85°C
SPI Interface
12-Ball WLCSP
CB-12-1
T2Y
AD7879ACBZ-500R71
−40°C to +85°C
SPI Interface
12-Ball WLCSP
CB-12-1
T2Y
AD7879ACPZ-RL1
−40°C to +85°C
SPI Interface
16-Lead LFCSP_VQ
CP-16-10
AD7879ACPZ-500R71
−40°C to +85°C
SPI Interface
16-Lead LFCSP_VQ
CP-16-10
AD7879-1ACBZ-RL1
−40°C to +85°C
I2C Interface
12-Ball WLCSP
CB-12-1
T0Q
AD7879-1ACBZ-500R71
−40°C to +85°C
I2C Interface
12-Ball WLCSP
CB-12-1
T0Q
AD7879-1ACPZ-RL1
−40°C to +85°C
I2C Interface
16-Lead LFCSP_VQ
CP-16-10
AD7879-1ACPZ-500R71
−40°C to +85°C
I2C Interface
16-Lead LFCSP_VQ
CP-16-10
EVAL-AD7879EBZ1
SPI Interface
Evaluation Board
EVAL-AD7879-1EBZ1
I2C Interface
Evaluation Board
1 Z = RoHS Compliant Part.
©2008 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07667-0-10/08(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com